công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LR9280CL-12-AF5-R

  • AI
    The **LR9280CL-12-AF5-R** is a specific low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable, fixed output voltage from a higher input voltage with very low noise and minimal power loss. --- ### 1. Technical Specifications The following table outlines the primary electrical characteristics of the device: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Output Voltage** | 1.2V | Fixed output (indicated by "-12") | | **Input Voltage Range** | Up to 6.0V | Maximum operating input | | **Output Current** | 300mA - 500mA | Typical current sourcing capability | | **Dropout Voltage** | ~150mV @ 100mA | Very low voltage overhead required | | **Package Type** | SOT-25 / SOT-23-5 | Surface-mount package (indicated by "AF5") | | **Quiescent Current** | ~50µA | Low power consumption during idle | --- ### 2. Part Number Breakdown Understanding the suffix nomenclature helps in identifying the exact physical and electrical properties: * **LR9280**: The series name (High-speed LDO). * **CL**: Accuracy/Version grade. * **12**: Represents the fixed output voltage (**1.2V**). * **AF5**: Refers to the package type (**SOT-23-5**). * **R**: Denotes **Tape & Reel** packaging for automated assembly. --- ### 3. Key Features and Functions * **Low Dropout Voltage:** Allows the chip to regulate effectively even when the input voltage is very close to the output voltage (e.g., regulating 1.2V from a 1.5V source). * **Enable Pin (EN):** Usually includes a shutdown mode to reduce power consumption to near-zero when the device is not needed. * **Stability:** Designed to be stable with low-ESR ceramic capacitors, which saves board space. * **Protection Circuits:** Includes internal thermal shutdown and current limiting to prevent damage during a short circuit or overheating. --- ### 4. Typical Application Circuit In a standard design, the component requires minimal external parts: ```text [Input Voltage] ----[ IN ]-------[ OUT ]---- [1.2V Load] | | [C1: 1uF] [C2: 1uF] | | [GND] [GND] ``` * **Input Capacitor (C1):** 1µF ceramic capacitor to minimize input noise. * **Output Capacitor (C2):** 1µF ceramic capacitor to ensure loop stability and transient response. --- ### 5. Common Uses * **Mobile Devices:** Powering low-voltage microprocessors or DSP cores. * **Portable Electronics:** Battery-powered gadgets requiring high efficiency. * **Wireless Modules:** Providing clean power to Bluetooth or Wi-Fi chips sensitive to noise.
    ✨ Follow-up Questions
    • ⤷What is the difference between an LDO and a switching regulator?
    • ⤷ How does the dropout voltage affect battery life in portable devices?
    • ⤷ Can I use this regulator to output a voltage other than 1.2V?