LR-534-R/B
AI

The **LR-534-R/B** is a common part number typically associated with **Bicolor LED Lamps** (Red/Blue). These components are widely used as status indicators in consumer electronics, network equipment, and control panels.
### 1. General Specifications
The LR-534 series generally features a 5mm (T1-3/4) through-hole package.
| Parameter | Red Specification (R) | Blue Specification (B) |
| :--- | :--- | :--- |
| **Material** | GaAlAs / GaAsP | GaN / InGaN |
| **Wavelength** | ~625 nm - 660 nm | ~465 nm - 475 nm |
| **Forward Voltage ($V_f$)** | 1.8V - 2.4V | 3.0V - 3.6V |
| **Forward Current ($I_f$)** | 20mA | 20mA |
| **Luminous Intensity** | 50 - 150 mcd | 100 - 300 mcd |
| **Viewing Angle** | 30° - 60° | 30° - 60° |
---
### 2. Internal Configuration
Depending on the specific manufacturer (such as LITE-ON or local equivalents), the LR-534-R/B usually comes in one of two internal wiring configurations:
#### A. Common Cathode (3 Pins)
* **Pin 1:** Anode for Red
* **Pin 2:** Common Cathode (Ground)
* **Pin 3:** Anode for Blue
#### B. Bipolar / Bi-directional (2 Pins)
* The Red and Blue chips are connected in parallel with opposite polarities.
* Current in one direction lights up **Red**.
* Current in the reverse direction lights up **Blue**.
* Rapidly switching (PWM) creates a **Purple/Magenta** blend.
---
### 3. Key Electronic Characteristics
* **Diffused vs. Water Clear:** The "LR" prefix often suggests a diffused lens (milky white) which spreads light evenly for indicator use, rather than a clear lens used for high-intensity beams.
* **Reverse Voltage:** Typically rated at 5V. Exceeding this can damage the LED junction.
* **Operating Temperature:** Generally rated between -40°C to +85°C.
---
### 4. Typical Application Circuit
When connecting to a microcontroller (like an Arduino), you must use current-limiting resistors. Since Blue LEDs have a higher forward voltage, the resistor values should differ to maintain equal brightness.
```cpp
// Example: Resistor Calculation for 5V Supply
// Red: (5V - 2.0V) / 0.020A = 150 Ohms
// Blue: (5V - 3.2V) / 0.020A = 90 Ohms (Use 100 Ohm)
```
- ⤷Does the LR-534-R/B have 2 pins or 3 pins?
- ⤷ What is the recommended resistor for a 12V power supply?
- ⤷ Can this LED produce a purple color?