LPS5030-684ML
AI

## Technical Overview: LPS5030-684ML
The **LPS5030-684ML** is a high-performance, low-profile power inductor manufactured by **Coilcraft**. It belongs to the LPS5030 series, which is specifically designed for applications where PCB height is restricted but high current handling is required.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **LPS** | Low Profile Shielded Inductor series |
| **5030** | Physical Dimensions (approx. 5.0 x 5.0 x 3.0 mm) |
| **684** | Inductance Value: **680 µH** (68 + 4 zeros in picohenries) |
| **M** | Tolerance: **±20%** |
| **L** | Termination/Packaging: RoHS compliant, matte tin over nickel over silver-palladium-glass frit |
---
### 2. Key Specifications
The following table summarizes the electrical and physical properties of the part:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 680 µH |
| **DCR Max (Direct Current Resistance)** | 4.80 Ohms |
| **SRF Typ (Self-Resonant Frequency)** | 2.5 MHz |
| **Isat (Saturation Current)** | 0.22 A (10% drop) |
| **Irms (RMS/Heating Current)** | 0.25 A (40°C rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 3. Core Features
* **Magnetic Shielding:** The component is shielded, which minimizes Electromagnetic Interference (EMI) and prevents the inductor from affecting nearby sensitive components.
* **Low Profile:** With a maximum height of 3.0 mm, it is ideal for thin consumer electronics.
* **High Inductance Value:** 680 µH is considered a high value for this footprint, making it suitable for low-frequency filtering or specific voltage boost applications.
* **Robust Construction:** Designed to handle high-temperature reflow soldering processes.
---
### 4. Typical Applications
The LPS5030-684ML is commonly integrated into:
1. **DC-DC Converters:** Used as an energy storage element in buck or boost regulators.
2. **LCD Displays:** Providing stable voltage for backlighting.
3. **Portable Electronics:** Smartphones, tablets, and wearable tech where space is at a premium.
4. **Battery Powered Devices:** Due to its balance of size and efficiency.
---
- ⤷
What is the difference between Isat and Irms for this specific inductor?
- ⤷ How does the temperature affect the inductance of the LPS5030-684ML?
- ⤷ Are there alternative inductors with a lower DCR in the same footprint?