LPS5030-683MLB
AI

The **LPS5030-683MLB** is a high-performance, shielded power inductor manufactured by **Coilcraft**. It belongs to the LPS5030 series, which is known for its low profile and high current handling capabilities.
### 1. Technical Specifications
The part number "683MLB" encodes the primary electrical characteristics of the component:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 68 µH | The nominal inductance measured at 100 kHz. |
| **Tolerance** | ±20% (M) | The allowable variance from the nominal inductance. |
| **DCR (Max)** | 0.440 Ohms | The maximum Direct Current Resistance of the internal wire. |
| **SRF (Typ)** | 10 MHz | Self-Resonant Frequency; the limit of inductive behavior. |
| **Isat** | 0.82 A | Saturation Current; current where inductance drops by 30%. |
| **Irms** | 0.90 A | Root Mean Square current based on a 40°C temperature rise. |
---
### 2. Key Physical Features
* **Shielding:** It is a magnetically shielded inductor. This minimizes Electromagnetic Interference (EMI) with surrounding components, making it ideal for high-density PCB layouts.
* **Form Factor:** The "5030" indicates the dimensions:
* **Footprint:** 5.0 mm x 5.0 mm
* **Height:** 3.0 mm (Low profile)
* **Termination:** Matte tin over nickel over silver-palladium-platinum.
---
### 3. Common Applications
Due to its balance of size and current rating, the LPS5030-683MLB is frequently used in:
1. **DC-DC Converters:** Essential for energy storage in buck, boost, or SEPIC converters.
2. **Portable Electronics:** Used in tablets and handheld devices where vertical space is limited.
3. **LED Drivers:** Provides stable current regulation for lighting circuits.
4. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power supply lines.
---
### 4. Part Number Breakdown
The nomenclature can be decoded as follows:
* **LPS**: Series Name (Low Profile Shielded).
* **5030**: Package Size (5.0 x 5.0 x 3.0 mm).
* **683**: Inductance code (68 followed by 3 zeros = 68,000 nH = **68 µH**).
* **M**: Tolerance (**±20%**).
* **L**: Termination type (L = RoHS compliant matte tin over nickel over silver-palladium-platinum).
* **B**: Packaging (B = Machine Ready, usually 7" reel).
- ⤷What are the equivalent alternatives for the LPS5030-683MLB from other manufacturers?
- ⤷ How does the temperature range affect the saturation current of this inductor?
- ⤷ What is the recommended solder reflow profile for this specific package?