LPS5030-334MLB
AI

### LPS5030-334MLB: Technical Analysis
The **LPS5030-334MLB** is a high-performance, shielded power inductor manufactured by **Coilcraft**. It is part of the LPS5030 series, which is known for its low profile and high current handling capabilities in a compact footprint.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific characteristics of the component:
| Segment | Meaning | Value |
| :--- | :--- | :--- |
| **LPS5030** | Series/Size | 5.0 x 5.0 x 3.0 mm |
| **334** | Inductance Code | 33 x 10^4 nH = **330 µH** |
| **M** | Tolerance | ±20% |
| **L** | Termination | RoHS compliant Silver-Palladium-Platinum-Glass frit |
| **B** | Packaging | 7″ machine-ready reel (standard) |
---
### 2. Key Specifications
These values define how the part performs within a circuit:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 330 µH |
| **DC Resistance (DCR Max)** | 1.80 Ohms |
| **SRF (Self-Resonant Frequency)** | 4.8 MHz |
| **Isat (Saturation Current)** | 0.32 A (30% drop) |
| **Irms (Heating Current)** | 0.40 A (40°C rise) |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Core Features
* **Magnetic Shielding:** The part is magnetically shielded, which significantly reduces EMI (Electromagnetic Interference) and allows for high-density mounting near sensitive components.
* **Low Profile:** At only 3.0 mm maximum height, it is ideal for space-constrained applications like handheld electronics.
* **Robust Construction:** Designed to withstand high reflow temperatures and mechanical stress.
---
### 4. Typical Applications
Due to its high inductance (330 µH) and relatively low current rating, this part is typically used in:
1. **DC-DC Converters:** Step-up or step-down converters requiring high inductance for low ripple.
2. **LED Drivers:** Providing steady current to LED strings.
3. **Battery Powered Devices:** Where efficiency and small footprint are critical.
4. **Filtering:** Used as a choke to filter out high-frequency noise in power lines.
---
### 5. Footprint/Physical Dimensions
```text
Length: 5.0 mm (Max)
Width: 5.0 mm (Max)
Height: 3.0 mm (Max)
```
- ⤷
What is the difference between Isat and Irms for this specific inductor?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 certification?
- ⤷ What are the recommended land pattern dimensions for the LPS5030 series?