LPS5030-334ML
AI

The **LPS5030-334ML** is a specific model of a power inductor manufactured by **Coilcraft**. It belongs to the LPS5030 series, which is known for being low-profile and magnetically shielded.
---
### 1. Technical Specifications
The part number "334ML" provides specific data regarding its electrical properties:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 330 µH | The nominal inductance value (33 + 4 zeros in nH). |
| **Tolerance** | ±20% | Indicated by the "M" suffix. |
| **DC Resistance (DCR)** | 1.80 Ohms | Maximum resistance of the internal wire. |
| **SRF (Self Resonant Freq)** | 3.5 MHz | The frequency at which it ceases to be inductive. |
| **Isat (Saturation Current)** | 0.35 A | Current at which inductance drops by 30%. |
| **Irms (RMS Current)** | 0.44 A | Current that causes a 40°C temperature rise. |
---
### 2. Physical Characteristics
The "5030" designation refers to the physical dimensions of the component package:
* **Footprint:** 4.9 x 4.9 mm (approx. 5x5 mm).
* **Height:** 2.9 mm (low profile design).
* **Shielding:** Magnetically shielded to prevent Electromagnetic Interference (EMI) with surrounding components.
* **Termination:** Matte tin over nickel over silver-platinum-glass frit.
---
### 3. Key Features and Usage
This component is designed for high-density power applications.
* **Efficiency:** Its low DCR (Direct Current Resistance) helps minimize power loss and heat generation.
* **Applications:**
* DC-DC Converters.
* Battery-powered handheld devices.
* LCD displays and LED drivers.
* Telecommunication equipment.
* **Robustness:** Operating temperature range of -40°C to +125°C.
---
### 4. Part Number Breakdown
`LPS 5030 - 334 M L`
* **LPS**: Series name (Low Profile Shielded).
* **5030**: Package size (5.0 x 3.0 mm nominal height).
* **334**: Inductance code ($33 \times 10^4$ nH = 330 µH).
* **M**: Tolerance (±20%).
* **L**: Termination/Packaging code (typically refers to RoHs compliance and tape/reel).
- ⤷
What are the alternative inductors with a higher current rating in the same footprint?
- ⤷ How does magnetic shielding affect the performance of the LPS5030 series?
- ⤷ Can this inductor be used in automotive applications (AEC-Q200)?