LPS5030-333ML
AI

The **LPS5030-333ML** is a high-performance, power-shielded surface mount (SMD) inductor manufactured by **Coilcraft**. It belongs to the LPS5030 series, known for having a small footprint and a low profile.
---
### ## Technical Specifications
The part number `LPS5030-333ML` provides specific details about its electrical characteristics:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 33 µH | Measured at 100 kHz, 0.1 Vrms |
| **Tolerance** | ±20% | Indicated by the suffix 'M' |
| **DCR (Max)** | 0.280 Ohms | Maximum Direct Current Resistance |
| **SRF (Typ)** | 14 MHz | Self-Resonant Frequency |
| **Isat** | 0.94 A | Saturation Current (10% drop in inductance) |
| **Irms** | 1.10 A | RMS Current (40°C temperature rise) |
---
### ## Key Features
* **Magnetic Shielding:** The component is shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **Compact Dimensions:**
* **Length/Width:** 4.9 x 4.9 mm
* **Height:** 2.9 mm (Max 3.0 mm)
* **Robustness:** Designed for high-density boards where space is limited but power handling is required.
* **AEC-Q200 Grade:** Most parts in this series are qualified for automotive applications.
---
### ## Common Applications
The LPS5030-333ML is typically used in power management circuits where voltage conversion is required:
1. **DC-DC Converters:** Used in buck (step-down) or boost (step-up) regulators.
2. **Portable Electronics:** Ideal for smartphones, tablets, and handheld devices due to its low profile.
3. **LED Drivers:** Provides steady current filtering for lighting applications.
4. **Battery Powered Systems:** High efficiency due to relatively low DCR.
---
### ## Part Number Breakdown
To better understand how Coilcraft labels these parts:
* **LPS:** Series identifier (Low Profile Shielded).
* **5030:** Dimensions (approx. 5.0 x 3.0 mm height).
* **333:** The inductance value. The first two digits (33) are the significant figures; the third digit (3) is the multiplier ($10^3$). $33,000$ nH = **33 µH**.
* **M:** Tolerance code (±20%).
* **L:** Termination/Packaging code (e.g., Lead-free, RoHS compliant).
- ⤷
What are the alternatives if I need a higher saturation current in the same footprint?
- ⤷ How does magnetic shielding affect EMI performance in PCB design?
- ⤷ What is the operating temperature range for the LPS5030 series?