AI

### Technical Overview: LPS5030-332ML
The **LPS5030-332ML** is a high-performance, shielded power inductor manufactured by **Coilcraft**. It is part of the LPS5030 series, known for having a small footprint and a very low profile (3.0 mm), making it ideal for space-constrained electronic assemblies.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specific characteristics:
| Component Segment | Value | Description |
| :--- | :--- | :--- |
| **LPS** | Series | Low Profile, Shielded Power Inductor |
| **5030** | Size | ~5.0 x 5.0 mm footprint; 3.0 mm height |
| **332** | Inductance | 3.3 µH (33 x 10^2 nH) |
| **M** | Tolerance | ±20% |
| **L** | Termination | RoHS compliant silver-palladium-platinum-glass frit |
---
### 2. Key Electrical Specifications
Below are the critical electrical parameters for the 3.3 µH variant:
| Parameter | Specification | Units |
| :--- | :--- | :--- |
| **Inductance** | 3.3 | µH |
| **DCR (max)** | 0.055 | Ohms (Ω) |
| **SRF (typ)** | 67 | MHz |
| **Isat (10% drop)** | 2.5 | Amperes (A) |
| **Irms (40°C rise)** | 2.1 | Amperes (A) |
---
### 3. Core Features and Materials
* **Magnetic Shielding:** The part is magnetically shielded to minimize EMI (Electromagnetic Interference), which is crucial for high-density PCB designs.
* **Low Profile:** With a maximum height of 3.0 mm, it fits easily into slim consumer electronics.
* **Robust Construction:** It features a Ferrite core material, providing high efficiency and stable performance across a wide temperature range.
* **Temperature Range:** Typically rated for an ambient temperature range of **-40°C to +85°C** (with Irms current).
---
### 4. Typical Applications
The LPS5030-332ML is commonly found in the following circuits:
1. **DC-DC Converters:** Used as an energy storage element in buck, boost, or SEPIC converters.
2. **Handheld Devices:** Smart phones, tablets, and portable medical devices where height is restricted.
3. **LED Drivers:** Providing stable current for lighting applications.
4. **LCD Displays:** Powering the backlighting and logic boards.
---
### 5. Recommended Land Pattern (Example)
When designing a PCB for this part, use the following approximate dimensions:
```text
5.20 mm
<-------------->
+--------------+ ^
| [ Pad 1 ] | | 1.50 mm
+--------------+ v
|
( 2.20 mm Gap )
|
+--------------+ ^
| [ Pad 2 ] | | 1.50 mm
+--------------+ v
```
- ⤷
What is the difference between Isat and Irms ratings for this inductor?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the LPS5030 series?
- ⤷ How does the DCR of the 3.3 µH model compare to higher inductance values in the same series?