AI

## Analysis of LPS5030-104ML Electronic Component
The **LPS5030-104ML** is a high-performance, low-profile power inductor manufactured by **Coilcraft**. It belongs to the LPS5030 series, which is specifically designed for applications requiring small footprints and high efficiency.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's key characteristics:
| Code Segment | Meaning | Value/Description |
| :--- | :--- | :--- |
| **LPS** | Series Name | Low Profile Shielded Inductor |
| **5030** | Package Size | ~5.0 x 5.0 x 3.0 mm |
| **104** | Inductance Code | 10 x 10^4 pF = **100 µH** |
| **M** | Tolerance | ±20% |
| **L** | Termination/Packing | RoHS compliant, Matte tin over nickel over silver |
---
### 2. Key Specifications
The following table outlines the electrical and physical parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 100 µH |
| **DC Resistance (DCR Max)** | 0.700 Ohms (Ω) |
| **Isat (Saturation Current)** | 0.52 A (10% drop) / 0.49 A (30% drop) |
| **Irms (RMS Current)** | 0.65 A (40°C temperature rise) |
| **SRF (Self-Resonant Freq)** | 7.0 MHz (typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetic Shielding (reduces EMI) |
---
### 3. Core Features & Benefits
* **Low Profile:** With a maximum height of 3.0 mm, it is ideal for thin consumer electronics.
* **Magnetic Shielding:** The design minimizes electromagnetic interference (EMI), which is critical for high-density PCB layouts.
* **High Power Density:** Provides a high inductance value (100 µH) relative to its physical size.
* **Robust Construction:** Capable of withstanding high-temperature reflow soldering processes.
### 4. Typical Applications
The LPS5030-104ML is commonly found in:
1. **DC-DC Converters:** Used as a storage element in buck, boost, or SEPIC converters.
2. **Portable Electronics:** Smartphones, tablets, and handheld medical devices.
3. **LED Drivers:** Providing constant current for lighting applications.
4. **LCD Displays:** Used in backlight power circuitry.
---
### 5. Implementation Example
In a typical buck converter circuit, the inductor would be placed between the switching node and the output capacitor.
```python
# Simple Calculation for Inductor Ripple Current
def calculate_ripple(v_in, v_out, frequency, inductance):
# Delta I = (Vin - Vout) * (Vout / Vin) / (f * L)
duty_cycle = v_out / v_in
ripple = (v_in - v_out) * duty_cycle / (frequency * inductance)
return ripple
# Example for LPS5030-104ML (100uH)
L = 100e-6
ripple_current = calculate_ripple(v_in=12, v_out=5, frequency=300000, inductance=L)
print(f"Ripple Current: {ripple_current:.3f} Amps")
```
- ⤷What are the equivalent alternatives for the LPS5030 series from other manufacturers?
- ⤷ How does the saturation current (Isat) affect circuit performance if exceeded?
- ⤷ What is the difference between the LPS and the XAL series from Coilcraft?