AI

## Detailed Overview: LPS-RK-450SP Low-Peak Fuse
The **LPS-RK-450SP** is a high-performance, current-limiting, time-delay fuse part of the **Bussmann series (by Eaton)**. It is categorized as a **Class RK1** fuse, which represents one of the highest levels of protection available for electrical circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Series** | Low-Peak (LPS-RK) |
| **Amperage Rating** | 450 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating (AC)** | 300,000 Amps RMS Symmetrical |
| **Interrupting Rating (DC)** | 100,000 Amps |
| **Class** | RK1 |
| **Body Material** | Melamine glass tube with metal end caps (Blade style) |
---
### 2. Functional Electronic Components & Design
While a fuse may seem like a simple piece of metal, the LPS-RK-450SP uses sophisticated engineering to manage high-energy faults:
* **Dual-Element Construction:** This fuse contains two distinct elements. One is designed to handle short circuits (instantaneous blow), and the other is a thermal element designed to handle temporary overloads (time-delay).
* **Time-Delay Feature:** It can withstand "inrush" currents (like a motor starting up) for a minimum of **10 seconds at 500%** of its rated current. This prevents "nuisance blowing" during normal startup cycles.
* **Current Limitation:** As a Class RK1 fuse, it is "Current Limiting." In the event of a massive short circuit, it clears the fault so fast that the full peak current is never reached, protecting sensitive downstream electronic components.
* **Solid-State Compatibility:** Because of its high degree of current limitation, it is often used to protect power electronics, such as Variable Frequency Drives (VFDs) and soft starters.
---
### 3. Comparison: RK1 vs. RK5
The LPS-RK (RK1) is often an upgrade over the FRN-R or FRS-R (RK5) series.
| Feature | LPS-RK-450SP (RK1) | Typical RK5 Fuse |
| :--- | :--- | :--- |
| **Protection Level** | Superior (Lower let-through energy) | Standard |
| **Short Circuit Rating** | 300kA | 200kA |
| **Main Application** | Sensitive electronics/Critical systems | General purpose motors/transformers |
---
### 4. Applications
* **Large Motors:** Provides branch circuit protection without tripping during startup.
* **Mains & Feeders:** Used in heavy industrial power distribution panels.
* **Transformer Protection:** Handles the magnetizing inrush current of large transformers.
* **VFD Protection:** Recommended for the high-speed protection required by semiconductor-based drives.
- ⤷
What is the difference between an RK1 and an RK5 fuse in a real-world application?
- ⤷ How does the 'Time-Delay' feature prevent nuisance tripping in industrial motors?
- ⤷ Can the LPS-RK-450SP be used in DC solar power arrays safely?