LPS-RK-35SPI
AI

The **LPS-RK-35SPI** is a specific model of a **Low Peak Class J Dual-Element Time-Delay Fuse**, typically manufactured by Eaton Bussmann. This component is critical in electrical engineering for circuit protection, particularly for motor circuits and inductive loads.
---
### ## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Class** | Class J |
| **Current Rating** | 35 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating** | 300kA RMS Symmetrical (AC) / 100kA (DC) |
| **Response Time** | Time-Delay (Dual-Element) |
| **Indication** | SPI (Permanent Visual Indication) |
---
### ## Key Electronic Components & Design
The "LPS-RK-35SPI" is not an integrated circuit but a sophisticated passive protection device. Its internal construction consists of several key parts:
#### 1. Dual-Element Construction
Unlike a standard fast-acting fuse, this contains two distinct internal mechanisms:
* **Thermal Cutout:** Handles low-level overloads. It utilizes a spring-loaded solder joint that melts if a sustained moderate overload occurs.
* **Short-Circuit Element:** A high-speed notched silver or copper link that vaporizes instantly during massive current spikes (short circuits).
#### 2. Visual Indication (SPI)
The **SPI** suffix stands for "Smart Presence Indicator." It includes a built-in visual window or flag that changes state/color when the fuse has blown. This allows technicians to identify the failed component without using a multimeter.
#### 3. Current Limitation
As a Class J fuse, it is "Current Limiting." This means it reacts so quickly during a short circuit that it prevents the fault current from reaching its maximum peak, protecting downstream electronic components (like VFDs or PLCs) from thermal and magnetic stress.
---
### ## Applications
The LPS-RK-35SPI is commonly used in:
* **Motor Branch Circuits:** Its time-delay feature allows for the high "inrush" current of motors without nuisance tripping.
* **Control Transformers:** Protects against primary side surges.
* **Panelboards:** Used as a compact, high-interrupting capacity disconnect.
---
### ## Comparison: LPS-RK vs. Standard Fuses
| Feature | LPS-RK (Class J) | Standard Glass Fuse |
| :--- | :--- | :--- |
| **Safety** | High (Finger-safe mounting available) | Low (Exposed) |
| **Interrupting Capacity** | Extremely High (300kA) | Low (usually <10kA) |
| **Size** | Small Form Factor | Varies |
| **Best For** | Heavy Industrial Equipment | Consumer Electronics |
- ⤷
What is the difference between a Time-Delay and a Fast-Acting fuse in industrial settings?
- ⤷ How does the 'Current Limiting' feature protect sensitive electronics?
- ⤷ What are the mounting requirements for Class J fuses like the LPS-RK-35SPI?