công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LPF7032T-331M

  • AI
    The **LPF7032T-331M** is a high-performance power inductor, typically used in power management circuits. It is part of a series known for its low profile and efficient energy storage capabilities. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a specific nomenclature used by manufacturers (like Taiyo Yuden or similar vendors) to describe its physical and electrical properties. | Parameter | Specification | | :--- | :--- | | **Inductance** | 330 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Dimensions (LxWxH)** | 7.0 x 7.0 x 3.2 mm | | **Case Code** | 7032 | | **Shielding** | Magnetically Shielded | --- ### 2. Electrical Performance Inductors of this class are designed to handle specific current loads while minimizing energy loss through resistance. * **DC Resistance (DCR):** This model typically features a higher DCR compared to lower inductance values in the same series, as more wire turns are required to achieve 330 µH. * **Rated Current ($I_{sat}$):** The saturation current—the point where inductance drops by a specific percentage (usually 30%)—is critical for ensuring the power supply doesn't fail under load. * **Temperature Rise Current ($I_{rms}$):** The current that causes the component's temperature to rise by 40°C. --- ### 3. Key Features & Construction 1. **Magnetic Shielding:** The component is shielded to prevent electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB. 2. **Surface Mount Device (SMD):** Designed for automated pick-and-place assembly and reflow soldering. 3. **Flat Top:** The "T" in the suffix often denotes the packaging or the flat-top construction, which is ideal for vacuum nozzles during assembly. --- ### 4. Common Applications The LPF7032T-331M is primarily found in DC-to-DC conversion circuits. * **Buck/Boost Converters:** Used for energy storage and smoothing the output current. * **Consumer Electronics:** Found in LED TVs, laptops, and monitors. * **Industrial Power Supplies:** Used in circuits requiring stable power filtering and noise suppression. --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **LPF** | Series Name (Low Profile/Shielded Type) | | **7032** | Physical Size (7.0mm x 7.0mm x 3.2mm) | | **T** | Packaging (usually Tape and Reel) | | **331** | Inductance Code ($33 \times 10^1 = 330$ µH) | | **M** | Tolerance (±20%) |
    ✨ Follow-up Questions
    • ⤷ What are the typical saturation current limits for the 330µH variant?
    • ⤷ How does magnetic shielding impact the PCB layout compared to unshielded inductors?
    • ⤷ Can this inductor be used in high-frequency switching regulators above 1MHz?