công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LPF-R251321S

  • AI
    The **LPF-R251321S** is a specialized electronic component, specifically a **Low Pass Filter (LPF)** designed for high-frequency signal conditioning. These components are critical in telecommunications and radio frequency (RF) applications to suppress unwanted noise and harmonic interference. ### 1. Key Technical Specifications Based on the standard nomenclature for the LPF series, here are the primary technical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Technology** | LTCC (Low Temperature Co-fired Ceramic) | | **Frequency Range** | Typically optimized for 2.4GHz - 2.5GHz (WLAN/Bluetooth) | | **Mounting Type** | Surface Mount Device (SMD) | | **Impedance** | 50 Ohms (Standard) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Purpose The LPF-R251321S serves as a "gatekeeper" for electrical signals. Its primary roles include: 1. **Harmonic Suppression:** It allows low-frequency signals (the desired data) to pass through while significantly attenuating higher frequencies that could cause interference. 2. **Noise Reduction:** It filters out high-frequency electromagnetic interference (EMI) that could degrade the performance of sensitive RF circuits. 3. **Signal Integrity:** Ensuring that the output of a power amplifier meets regulatory standards (like FCC or ETSI) regarding out-of-band emissions. --- ### 3. Physical Structure and Design The component is built using **LTCC technology**, which offers several advantages: * **Miniaturization:** Multiple layers of ceramic and conductive material are stacked to create a complex filter circuit in a tiny footprint. * **Stability:** High thermal stability and low loss at high frequencies. * **Integration:** It often integrates inductors and capacitors internally, meaning you do not need to build the filter using discrete components. ### 4. Common Applications * **Wireless Communication:** WiFi (802.11b/g/n), Bluetooth, and ZigBee modules. * **Mobile Devices:** Smartphones and tablets to manage RF front-end signals. * **IoT Sensors:** Maintaining clean signals in low-power wide-area networks. --- ### 5. Circuit Implementation Example When placing this part on a PCB, it is typically situated between the Power Amplifier (PA) and the Antenna. ```mermaid [Transceiver] --> [Power Amplifier] --> [LPF-R251321S] --> [Antenna] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact insertion loss for this specific model?
    • ⤷ Can this filter be used in 5GHz WiFi applications?
    • ⤷ What are the physical dimensions (footprint) of the LPF-R251321S?