công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LPF-17P.M1W-R

  • AI
    The **LPF-17P.M1W-R** is a specialized electronic component, specifically a **Low Pass Filter (LPF)** designed for RF (Radio Frequency) applications. These components are critical in signal processing to allow low-frequency signals to pass while attenuating (blocking) high-frequency noise or interference. --- ### 1. Key Technical Specifications Based on the part number nomenclature typically used in RF engineering, here are the primary characteristics: | Feature | Description | |:---|:---| | **Component Type** | Passive RF Low Pass Filter | | **Passband** | Typically DC to a specific cutoff frequency (often indicated by the "17" prefix, e.g., 1700 MHz or a specific band identifier). | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Termination** | Usually 50 Ohms (Standard RF impedance) | | **Function** | Harmonic suppression and noise reduction | --- ### 2. Physical and Internal Construction The "P.M1W-R" suffix often provides details regarding the package and manufacturing standards: * **Miniaturization:** These filters are often built using **LTCC (Low Temperature Co-fired Ceramic)** technology. This allows multiple layers of inductors and capacitors to be embedded in a tiny ceramic block. * **LPF Structure:** Internally, it functions as a **ladder network** of: * **Series Inductors (L):** Resist high-frequency changes. * **Shunt Capacitors (C):** Short high-frequency signals to the ground. * **RoHS Compliance:** The "-R" suffix generally denotes "RoHS Compliant," meaning it is lead-free and meets environmental safety standards. --- ### 3. Circuit Application In a typical electronic circuit, the LPF-17P.M1W-R would be placed between an RF amplifier and an antenna. ```mermaid graph LR A[RF Source/IC] --> B[LPF-17P.M1W-R] B --> C[Antenna/Output] style B fill:#f9f,stroke:#333,stroke-width:2px ``` **Common uses include:** 1. **Harmonic Filtering:** Removing unwanted multiples of a carrier frequency. 2. **EMI Suppression:** Preventing electromagnetic interference from leaking into other circuit stages. 3. **Transceiver Optimization:** Ensuring the output signal meets regulatory standards (like FCC or ETSI). --- ### 4. Selection Criteria When integrating this part into a PCB design, engineers look at these specific parameters: * **Insertion Loss:** How much signal power is lost in the passband (ideally < 1dB). * **Rejection/Attenuation:** How effectively it blocks the unwanted high frequencies (measured in dB). * **VSWR (Voltage Standing Wave Ratio):** A measure of how much signal reflects back toward the source. ---
    ✨ Follow-up Questions
    • ⤷What is the exact cutoff frequency for the LPF-17P.M1W-R?
    • ⤷ How does LTCC technology improve RF filter performance?
    • ⤷ What are the footprint dimensions for this specific SMD component?