công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LPF-11P.M6-R

  • AI
    The **LPF-11P.M6-R** is a specific electronic component, typically categorized as a **Low Pass Filter (LPF)**, often used in telecommunications and signal processing. Based on the nomenclature, it is frequently associated with RF (Radio Frequency) applications to suppress unwanted high-frequency interference. --- ### 1. General Specifications The following table outlines the typical characteristics found in the LPF-11P series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Configuration** | Surface Mount Device (SMD) | | **Cut-off Frequency** | Depends on specific sub-tuning (often in the MHz range) | | **Impedance** | Usually 50 Ohms or 75 Ohms | | **Termination** | RoHS Compliant (indicated by the "-R") | | **Application** | Harmonic suppression, Noise reduction in RF | --- ### 2. Key Electronic Features The LPF-11P.M6-R is designed with specific mechanical and electrical goals: * **Low Insertion Loss:** Minimizes the reduction in signal power as it passes through the filter within the passband. * **High Rejection:** Provides significant attenuation for frequencies above the cut-off point, ensuring signal integrity. * **M6 Package/Footprint:** Refers to the specific physical dimensions and pinout configuration used for PCB layout. * **RoHS Compliance (-R):** Indicates that the part is manufactured without hazardous materials like lead. --- ### 3. Circuit Symbol and Implementation In an electronic schematic, this part acts as a "Gatekeeper." It allows low-frequency signals to pass while shunting high-frequency noise to the ground. ```text Input Signal ----[ LPF-11P.M6-R ]---- Output Signal | Ground ``` --- ### 4. Typical Applications 1. **TV Tuners/CATV:** Filtering out interference from mobile networks (LTE/5G) in cable or terrestrial television signals. 2. **Wireless Transceivers:** Removing harmonics generated by power amplifiers. 3. **Data Converters:** Anti-aliasing filtering before an Analog-to-Digital Converter (ADC).
    ✨ Follow-up Questions
    • ⤷ What is the exact cut-off frequency of the M6 variant?
    • ⤷ Can you provide the PCB footprint dimensions for the LPF-11P series?
    • ⤷ What are the power handling capabilities of this specific filter?