công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LPE-5F-R

  • AI
    The **LPE-5F-R** is an electronic component manufactured by **Link-PP** (a prominent manufacturer of magnetic components). It is specifically a **Surface Mount Device (SMD) Power Inductor**. These components are critical for managing energy storage and filtering in power supply circuits. --- ## 1. Technical Specifications The "LPE" series typically refers to high-current shielded power inductors. Below are the common specifications associated with this part number: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance Range** | Typically 4.7µH to 10µH (varies by sub-code) | | **Tolerance** | ±20% | | **Shielding** | Magnetic Shielding (reduces EMI) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Internal Electronic Parts The LPE-5F-R is not a complex assembly but an integrated passive component consisting of three main physical/electronic parts: ### A. Ferrite Core (Magnetic Material) The "heart" of the inductor. The core material is usually a Ni-Zn (Nickel-Zinc) or Mn-Zn (Manganese-Zinc) ferrite. - **Function:** Increases the magnetic flux density, allowing for higher inductance in a smaller physical footprint. ### B. Copper Winding (Enamelled Wire) A coil of high-purity copper wire wrapped around the core. - **Function:** Conducts the electrical current. The number of turns determines the inductance value, while the thickness of the wire determines the DC Resistance (DCR) and current-carrying capacity. ### C. Magnetic Shielding The component is encased in a magnetic resin or a ferrite sleeve. - **Function:** Prevents the magnetic field generated by the inductor from interfering with nearby sensitive components (EMI suppression) and improves efficiency by focusing the magnetic flux. --- ## 3. Common Applications The LPE-5F-R is generally used in DC-to-DC conversion circuits. 1. **Buck/Boost Converters:** Used to store energy during the switching cycle to provide a steady output voltage. 2. **Noise Filtering:** Acts as a low-pass filter to remove high-frequency ripples from power lines. 3. **Consumer Electronics:** Found in laptops, tablets, and LED drivers where space is limited but high efficiency is required. --- ## 4. Part Number Breakdown (Link-PP Convention) While exact coding can vary, the suffix usually denotes: * **LPE:** Series identifier (Link-PP Power Inductor). * **5F:** Physical size/form factor (Footprint). * **R:** Usually indicates **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current (Isat) ratings for the LPE-5F-R?
    • ⤷ How does magnetic shielding in the LPE-5F-R compare to unshielded inductors?
    • ⤷ What are the footprint dimensions for the 5F series inductors?