LPD-41M1-R/
AI

The **LPD-41M1-R** is a high-performance **Directional Coupler** designed and manufactured by **LPD (Low Power Devices)**. It is a passive electronic component used primarily in RF (Radio Frequency) and microwave applications to sample signals without significantly interrupting the main transmission path.
---
### ## Technical Specifications
The following table highlights the core electrical characteristics of the LPD-41M1-R:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 1.0 GHz to 4.0 GHz |
| **Coupling Factor** | 10 dB (nominal) |
| **Coupling Flatness** | ± 1.0 dB |
| **Insertion Loss** | < 0.5 dB (excluding coupled power) |
| **Directivity** | > 20 dB |
| **VSWR (Input/Output)** | 1.25:1 (Max) |
| **Power Rating** | 50 Watts (Average) |
| **Impedance** | 50 Ohms |
---
### ### Key Electronic Components & Construction
The device is built using **Microstrip** or **Stripline** technology housed in a shielded enclosure. Its internal architecture consists of:
1. **Main Transmission Line:** A low-loss conductor connecting the Input and Output ports.
2. **Coupled Line:** A secondary line placed in close physical proximity to the main line. Electromagnetic field interaction allows a precise fraction of the energy (10 dB in this case) to transfer to the coupled port.
3. **Termination Resistor:** Often integrated internally to ensure high directivity by absorbing reflected signals at the isolated port.
4. **Connectors:** Standard **SMA Female** connectors are typically used for high-frequency integrity and low signal leakage.
---
### ### Common Applications
Due to its wide frequency range (1-4 GHz), the LPD-41M1-R is utilized in several RF subsystems:
* **Power Monitoring:** Sampling a small portion of the output power to feed into a power meter or AGC (Automatic Gain Control) circuit.
* **Signal Injection:** Injecting a test signal into a system without disconnecting the main signal path.
* **Antenna Tuning:** Measuring the reflected power (Return Loss) to determine the SWR (Standing Wave Ratio) of an antenna system.
* **Cellular/LTE Infrastructure:** Used in base stations and repeaters for signal distribution.
---
- ⤷
What is the difference between directivity and isolation in this coupler?
- ⤷ Can this device handle peak power levels higher than 50 Watts?
- ⤷ How does coupling flatness affect signal measurements across the 1-4 GHz range?