LPD-32P4-R/Q
AI

The **LPD-32P4-R/Q** is a high-performance power divider (splitter) manufactured by **Mini-Circuits**. It is designed specifically for radio frequency (RF) and microwave applications, primarily used to split an input signal into 32 equal output phases and amplitudes.
---
### 1. Key Technical Specifications
The following table summarizes the core electronic characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 700 to 2700 MHz |
| **Insertion Loss** | 1.8 dB (above theoretical 15.1 dB split) |
| **Isolation** | 20 dB (Typical) |
| **Phase Unbalance** | 10.0 Degrees (Max) |
| **Amplitude Unbalance** | 1.2 dB (Max) |
| **VSWR (Input/Output)** | 1.3:1 / 1.2:1 |
| **Connector Type** | SMA-Female |
---
### 2. Electronic Architecture
The "LPD" series typically utilizes a **Microstrip/Stripline** corporate-feed network. This involves several stages of 2-way power splitters (Wilkinson type) arranged in a tree structure to reach the 32-way output.
#### Core Components:
* **Impedance Matching Networks:** Ensure that the input and output ports maintain a 50-ohm characteristic impedance to prevent signal reflections.
* **Isolation Resistors:** Internal resistors are used to prevent signals from one output port from leaking into another, which is critical for system stability.
* **Low-Loss Dielectrics:** The internal PC board uses high-frequency laminates to minimize signal attenuation over the 700-2700 MHz band.
---
### 3. Mechanical & Environmental Features
The "R/Q" suffix often denotes specific ruggedization or quality standards for the housing.
* **Housing:** Usually a rugged aluminum alloy case with a chemical film or nickel plating for EMI/RFI shielding.
* **Operating Temperature:** Typically rated from -40°C to +85°C.
* **Power Handling:** Designed to handle moderate RF input power (usually around 10-30 Watts as a splitter, though much less when used as a combiner).
---
### 4. Common Applications
Due to its wide frequency range (covering cellular, Wi-Fi, and LTE bands), it is used in:
1. **DAS (Distributed Antenna Systems):** Splitting a single base station signal to 32 different antennas inside a building.
2. **Test Labs:** Simultaneous testing of 32 mobile devices or receivers.
3. **Satellite Communications:** Signal distribution in ground stations.
- ⤷
What is the maximum input power rating for the LPD-32P4-R/Q?
- ⤷ How does the isolation value affect the performance of connected receivers?
- ⤷ Can this device be used in reverse as a 32-way power combiner?