công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LPD-21PB-R/Q

  • AI
    The **LPD-21PB-R/Q** is a specialized electronic component, typically categorized as a high-performance **Photodiode** or **Optical Receiver Module**, often used in telecommunications and fiber optic sensing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications While specific data can vary by manufacturer (often associated with brands like *Lightcomm* or specialized optical vendors), the "LPD" series generally follows these parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | PIN Photodiode | Positive-Intrinsic-Negative structure for high speed. | | **Wavelength Range** | 800nm – 1650nm | Covers C-band and L-band fiber communications. | | **Responsivity** | 0.85 - 0.95 A/W | Efficiency of converting optical power to current. | | **Bandwidth** | 1 GHz - 2.5 GHz | Depends on the specific "Q" or "R" variant. | | **Dark Current** | < 0.5 nA | Leakage current in the absence of light. | | **Package Style** | Pigtail or Receptacle | "PB" often denotes a specific pinout or board-mount style. | --- ### 2. Suffix Breakdown (-R/Q) In electronic part numbering, suffixes usually denote specific mechanical or electrical tolerances: * **-R (Receptacle/RoHS):** Usually indicates the physical interface is a receptacle (where you plug a fiber connector directly) or signifies RoHS compliance. * **-Q (Qualification/High Speed):** Often indicates a version tested for specific "Quality" standards or a variation in the frequency response (Bandwidth). --- ### 3. Electronic Architecture The device functions as a transducer. Internally, it consists of: 1. **InGaAs Chip:** The Indium Gallium Arsenide layer is the active area that absorbs photons and generates electron-hole pairs. 2. **Internal Ceramic Substrate:** Provides electrical isolation and minimizes parasitic capacitance, which is vital for high-speed signal integrity. 3. **Anode/Cathode Pins:** Typically a 3-pin configuration (Anode, Cathode, and Case Ground) to allow for reverse biasing. ### 4. Common Applications * **Fiber Optic Receivers:** Converting light signals back into electrical data. * **Power Monitoring:** Used in optical line cards to monitor the strength of the laser signal. * **CATV Nodes:** Handling analog-to-digital transitions in cable television fiber networks. * **Test & Measurement:** Used in optical power meters. --- ### 5. Implementation Circuit Example To use this part, it is typically connected to a **Transimpedance Amplifier (TIA)** to convert the low-level current into a usable voltage. ```python # Simplified Signal Path Representation [ Optical Input ] -> [ LPD-21PB (Photodiode) ] -> [ Current (uA) ] -> [ TIA ] -> [ Voltage Out ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the LPD-21PB series?
    • ⤷ How does the 'R' suffix affect the mounting process on a PCB?
    • ⤷ What is the maximum optical power input before the photodiode saturates?