công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LPD-12PA-R/Q

  • AI
    The **LPD-12PA-R/Q** is a high-performance **Differential Pressure (DP) Sensor** typically manufactured by companies like **Nidec Copal Electronics**. It is designed for precise measurement of low-pressure gases, commonly used in medical equipment, industrial automation, and HVAC systems. --- ### 1. Key Technical Specifications The "R/Q" suffix usually denotes the specific pressure range and output characteristics. Below are the general specifications for this series: | Parameter | Typical Value | | :--- | :--- | | **Pressure Type** | Differential Pressure | | **Rated Pressure Range** | ±1000 Pa (Standard for 12PA) | | **Supply Voltage** | 5.0V DC (±0.25V) | | **Output Type** | Analog Voltage (typically 0.5V to 4.5V) | | **Operating Temp** | -20°C to +80°C | | **Accuracy** | ±1.5% to ±3% F.S. | | **Medium** | Non-corrosive gas / Air | --- ### 2. Internal Electronic Architecture The device utilizes a **Piezoresistive** sensing element combined with an integrated **ASIC** (Application Specific Integrated Circuit). 1. **Sensing Element:** A micro-machined silicon diaphragm with embedded resistors. When pressure is applied, the diaphragm deflects, changing the resistance (the Wheatstone Bridge principle). 2. **Amplification & Compensation:** The ASIC handles temperature compensation and signal amplification to ensure the output remains linear despite environmental changes. 3. **EMI Shielding:** The internal circuitry is often shielded to prevent interference from nearby motors or electronic noise. --- ### 3. Pin Configuration & Connection The sensor typically features a 4-pin or 5-pin interface for easy PCB mounting. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Power Supply (5V) | | 2 | **Vout** | Analog Output Signal | | 3 | **GND** | Ground | | 4 | **N/C or Test** | Not connected or Factory use | --- ### 4. Typical Application Circuit When integrating the LPD-12PA into a microcontroller system (like Arduino or STM32), a simple RC filter is recommended to smooth the analog signal. ```cpp // Example: Reading LPD-12PA Output via Arduino ADC int sensorPin = A0; float sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); // Convert 10-bit ADC to Voltage float voltage = sensorValue * (5.0 / 1023.0); // Map Voltage to Pressure (Pa) // Assuming 0.5V = -1000Pa and 4.5V = +1000Pa float pressure = (voltage - 2.5) * (2000 / 4.0); Serial.print("Pressure (Pa): "); Serial.println(pressure); delay(500); } ``` --- ### 5. Common Use Cases * **Medical:** Ventilators, CPAP machines, and oxygen concentrators to monitor breath flow. * **HVAC:** Monitoring filter clogging by measuring the pressure drop across the filter. * **Industrial:** Leak detection and cleanroom pressure monitoring.
    ✨ Follow-up Questions
    • ⤷What is the exact pressure range difference between the R and Q models?
    • ⤷ How do I calibrate the zero-point offset for this sensor in software?
    • ⤷ Can this sensor be used with liquids or only non-corrosive gases?