LPD-12M2-R/Q
AI

The **LPD-12M2-R/Q** is a specialized precision motion component, typically classified as a **Linear Piezo Micro-Stage** or a **Piezo-driven Linear Actuator**. These parts are frequently used in applications requiring sub-nanometer resolution, such as semiconductor manufacturing, microscopy, and optical fiber alignment.
---
### 1. Key Technical Specifications
The "LPD" series generally refers to Linear Piezo Direct-drive mechanisms. Below is a breakdown of the typical electronic and physical characteristics for this model:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Drive Principle** | Ultrasonic Piezoelectric Motor |
| **Travel Range** | 12 mm |
| **Resolution** | < 1 nm (sensor dependent) |
| **Max Velocity** | 10 - 20 mm/s |
| **Push/Pull Force** | 2 N - 5 N |
| **Operating Voltage** | 40V - 100V (High Frequency AC) |
---
### 2. Internal Electronic Components
The device is not just a mechanical rail; it contains several critical electronic sub-systems:
#### A. Piezoelectric Ceramic Elements
* **Function:** Converts electrical energy into mechanical vibratory energy.
* **Composition:** Usually Lead Zirconate Titanate (PZT).
* **Operation:** When a high-frequency voltage is applied, the ceramic expands and contracts at ultrasonic frequencies (typically >100 kHz), "walking" or "driving" the stage forward.
#### B. Integrated Encoder (Position Feedback)
* **Type:** Optical or Capacitive.
* **Role:** Provides real-time position data to the controller to ensure accuracy. Without this, the piezo would suffer from "drift" or hysteresis.
#### C. Connector Interface
* **R/Q Suffix:** These often denote specific wiring or connector standards (e.g., Circular Hirose connectors or D-Sub connectors) used to interface with the **Piezo Controller**.
---
### 3. Required Driving Electronics
The LPD-12M2-R/Q cannot be powered by a standard DC power supply. It requires a **Piezo Driver/Controller** that performs the following functions:
1. **Signal Generation:** Creates a high-frequency sine or sawtooth wave to excite the piezo ceramics.
2. **PID Control Loop:** Reads the encoder signal and adjusts the drive voltage to reach the target position without overshoot.
3. **Power Amplification:** Steps up low-level control signals to the high voltages required by the piezo elements.
---
### 4. Common Applications
* **Photonics:** Precise alignment of laser diodes to optical fibers.
* **Semiconductors:** Wafer inspection and lithography positioning.
* **Medical:** Micro-manipulation of cells or surgical tools.
* **Imaging:** Focus adjustment in high-end confocal microscopes.
- ⤷
What are the specific differences between the R and Q versions of this model?
- ⤷ What type of controller is recommended for driving LPD series piezo stages?
- ⤷ How does environmental temperature affect the precision of the LPD-12M2?