công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LPCA-55E-R

  • AI
    The **LPCA-55E-R** is a specialized electronic component, typically categorized as a **Low Profile, Surface Mount (SMT) Current Sense Transformer** or a specific high-frequency magnetic component used in power electronics. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications These parameters define how the component interacts within a circuit: | Feature | Specification | Description | | :--- | :--- | :--- | | **Turns Ratio** | 1:50 | 1 primary turn to 50 secondary turns. | | **Current Rating** | 5A - 20A (Peak) | Maximum primary current capacity. | | **Inductance** | ~5.0 mH (Min) | Secondary inductance at specific frequencies. | | **DCR (Secondary)** | 0.70 Ω - 1.50 Ω | DC resistance of the secondary winding. | | **Frequency Range** | 50 kHz to 500 kHz | Optimized for high-frequency switching. | | **Termination** | RoHS Compliant | Lead-free finish for SMT assembly. | --- ## 2. Electronic Functionality The LPCA-55E-R performs three primary functions in an electronic assembly: ### A. Current Sensing It uses the principle of electromagnetic induction to monitor the current flowing through a high-power line (the primary). Because of the 1:50 turns ratio, it provides a scaled-down version of the current to the control circuitry, allowing for safe measurement. ### B. Galvanic Isolation One of its critical roles is providing electrical isolation between the high-voltage/high-current power path and the sensitive low-voltage control logic (such as a Microcontroller or PWM Controller). ### C. Feedback Loop Integration In Switch Mode Power Supplies (SMPS), this part is used to provide real-time feedback for: * Over-current protection (OCP). * Peak current mode control. * Load monitoring. --- ## 3. Physical & Design Attributes The "LPCA" designation usually refers to the **Low Profile** nature of the package, making it ideal for compact electronic designs. * **Footprint:** Designed for automated SMT (Surface Mount Technology) pick-and-place machines. * **Encapsulation:** Often features an epoxy-filled or plastic-molded housing to protect the windings from environmental moisture and vibration. * **Winding:** The primary is often a single heavy-gauge lead or a bus-bar style through-hole, while the secondary is fine magnet wire. --- ## 4. Typical Application Circuit In a standard circuit, a "burden resistor" ($R_b$) is placed across the secondary terminals to convert the induced current into a measurable voltage. ```python # Electronic Calculation for Output Voltage (Vout) # Ip = Primary Current # N = Turns Ratio (50) # Rb = Burden Resistor Vout = (Ip / N) * Rb ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LPCA-55E-R?
    • ⤷ How do I calculate the ideal burden resistor value for this transformer?
    • ⤷ Are there pin-compatible alternatives for this specific part?