LPAU-421PFW-R
AI

The **LPAU-421PFW-R** is a specific electronic sub-assembly, typically categorized as a **Backlight Inverter Board** or a **Power Supply Unit (PSU)** component, most commonly found in flat-panel displays (LCD monitors or industrial screens).
---
### 1. General Specifications
While specifications can vary based on the manufacturer (often associated with brands like **TDK** or **Logah**), the part generally adheres to the following parameters:
| Component Feature | Description |
| :--- | :--- |
| **Device Type** | High-Voltage Inverter Board / Backlight Controller |
| **Application** | Drives CCFL (Cold Cathode Fluorescent Lamps) in LCDs |
| **Input Voltage** | Typically 12V DC (Common for desktop/industrial monitors) |
| **Output Channels** | 4-Lamp Output (indicated by the "4" in the prefix) |
| **RoHS Status** | Compliant (indicated by the "R" suffix) |
---
### 2. Key Electronic Parts & Functionality
The board consists of several critical electronic stages to convert low-voltage DC into the high-voltage AC required to strike the lamps.
#### A. Power Management & Switching
* **Controller IC:** The "brain" of the board. It manages the Pulse Width Modulation (PWM) to control brightness (dimming) and ensures the lamps stay lit.
* **MOSFETs:** Usually found in pairs. These act as high-speed switches that toggle the input current into the primary side of the transformers.
#### B. High-Voltage Transformers
* The most prominent features on the board are the **Inverter Transformers**.
* They step up the 12V DC input to approximately 600V - 1500V AC to ionize the gas inside the CCFL tubes.
#### C. Protection Circuitry
* **Feedback Loop:** Uses resistors and capacitors to monitor the output current. If a lamp fails or breaks, the IC shuts down the board to prevent fire or electrical damage.
* **Capacitors:** Electrolytic capacitors are used for input filtering, while high-voltage ceramic capacitors (C-Blue type) are used at the output stage.
---
### 3. Connector Pinout (Typical)
The input connector (usually a 6-pin or 10-pin header) generally follows this logic:
| Pin Type | Function |
| :--- | :--- |
| **VIN** | Main Power Input (+12V) |
| **GND** | Ground |
| **ON/OFF** | Enable signal from the main logic board (3.3V or 5V) |
| **DIM / ADJ** | Brightness control signal (Analog or PWM) |
---
### 4. Common Failure Symptoms
If you are troubleshooting this specific part, look for these issues:
1. **The "Two-Second to Black" issue:** The screen turns on briefly then goes dark (usually a faulty transformer or aged lamp).
2. **Bulging Capacitors:** Visual leakage or swelling in the electrolytic caps.
3. **Blown Fuse:** A small surface-mount fuse (labeled 'F1') near the input connector.
- ⤷
What are the symptoms of a failing transformer on the LPAU-421PFW-R?
- ⤷ Can this inverter be bypassed or replaced with an LED driver kit?
- ⤷ What is the specific input voltage range for this model?