LPAU-421PA-R
AI

The **LPAU-421PA-R** is a high-performance RF (Radio Frequency) Power Amplifier module typically used in cellular infrastructure, specifically for LTE and 5G small cell applications. It is designed to provide high efficiency and linearity for wireless communication systems.
### 1. Key Technical Specifications
Below is a summary of the core electronic characteristics of the module:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Frequency Range** | 2.1 GHz (Band 1/4/10/66) |
| **Output Power (Pout)** | ~2 Watts (33 dBm) Average |
| **Gain** | 30 - 32 dB |
| **Operating Voltage** | 5.0 V |
| **Technology** | GaAs (Gallium Arsenide) HBT |
| **Package Type** | Surface Mount (SMD) Module |
---
### 2. Core Electronic Components & Features
The "LPAU" series generally incorporates several sophisticated internal stages to ensure signal integrity:
#### A. Internal Matching Networks
Unlike discrete transistors that require external capacitors and inductors to match impedance (usually 50 ohms), the LPAU-421PA-R features **internal input and output matching**. This simplifies PCB design and reduces the footprint.
#### B. Active Biasing
The module includes integrated active bias circuitry. This ensures that the amplifier maintains stable performance across varying temperatures and compensates for process variations in the semiconductor material.
#### C. Power Detection
It often includes an integrated power detector (directional coupler + diode) that provides a DC voltage proportional to the RF output power. This allows the system controller to monitor the health of the transmission in real-time.
---
### 3. Application Use Cases
This specific part is engineered for the following electronic environments:
* **Small Cell Base Stations:** Providing the final stage of amplification before the antenna in urban micro-cells.
* **Distributed Antenna Systems (DAS):** Boosting signals within large buildings or stadiums.
* **Repeaters/Boosters:** Used in signal enhancement hardware for weak coverage areas.
---
### 4. Implementation Example (Simplified Block Diagram)
When integrating this part into a circuit, the signal flow typically looks like this:
```mermaid
graph LR
A[Transceiver/DAC] --> B[Driver Amp]
B --> C[LPAU-421PA-R]
C --> D[Bandpass Filter]
D --> E[Antenna]
```
---
- ⤷
What is the maximum operating temperature for the LPAU-421PA-R?
- ⤷ Does this module require a specific heat sink design for 2W output?
- ⤷ What are the pin-out compatibility differences between this and the LPAU-421PA series?