công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LPA-44PFW-R

  • AI
    The **LPA-44PFW-R** is a specific electronic hardware component, typically categorized as a **PLCC (Plastic Leaded Chip Carrier) Socket**. These parts are used to house integrated circuits (ICs) on a printed circuit board (PCB) without soldering the chip directly to the board. --- ### Technical Specifications Below is a breakdown of the typical characteristics for this part: | Feature | Specification | | :--- | :--- | | **Part Number** | LPA-44PFW-R | | **Socket Type** | PLCC (Plastic Leaded Chip Carrier) | | **Number of Pins** | 44 Pins | | **Mounting Type** | Through-Hole (PHT) | | **Contact Material** | Phosphor Bronze (usually Tin-plated) | | **Insulator Material** | PPS or PBT (Thermoplastic) | | **Pitch** | 1.27mm (0.050") | | **Color** | Brown / Black | --- ### Key Features and Functionality 1. **Protective Housing**: The "PF" in the series often refers to the "Plastic Frame" design, which protects the delicate leads of the IC from bending or breaking during insertion. 2. **Replaceability**: Using this socket allows for easy replacement or upgrading of the 44-pin IC (such as a microcontroller or EPROM) without desoldering the entire board. 3. **Stand-offs**: The design usually includes stand-offs at the bottom to allow for easy cleaning of solder flux and to prevent moisture entrapment. 4. **Polarization**: These sockets feature a "clipped corner" (usually at Pin 1) to ensure the IC is inserted in the correct orientation. --- ### Common Applications * **Legacy Computing**: Used for BIOS chips or older 8-bit/16-bit microprocessors. * **Prototyping**: Ideal for development boards where the firmware chip might need to be swapped frequently for programming. * **Industrial Controls**: Used in environments where a specific chip might fail and needs a quick, tool-less field replacement. --- ### Schematic Identification In a PCB design environment (like Altium, Eagle, or KiCad), the footprint for the LPA-44PFW-R would look like a square grid of 44 through-holes with a 1.27mm pitch, arranged in a perimeter fashion. ```text Pin 1 Indicator (Clipped Corner) _________ | 1...11 | 44 | | 12 .. | | .. 34 |_________| 23 22...13 ```
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions for the LPA-44PFW-R footprint?
    • ⤷ What is the difference between a PLCC socket and a DIP socket?
    • ⤷ Can this socket be used for surface mount (SMT) applications?