LPA-41P4W-R
AI

### Overview of the LPA-41P4W-R
The **LPA-41P4W-R** is a specific electronic component typically categorized as a **Piezoelectric Indicator** or **Piezo Audio Transducer/Buzzer**. It is designed to convert electrical energy into acoustic energy, producing a distinct sound or "beep" in electronic circuits.
---
### Key Technical Specifications
Below is a breakdown of the typical physical and electrical characteristics for this part:
| Characteristic | Specification (Typical) |
| :--- | :--- |
| **Type** | Piezo Indicator (Internal Circuitry) |
| **Rated Voltage** | 12V DC (Standard operating range 3-20V DC) |
| **Max Current** | ~10mA to 15mA at rated voltage |
| **Frequency** | 2.8 kHz ± 0.5 kHz |
| **Sound Pressure Level (SPL)** | 85dB to 95dB at 30cm |
| **Mounting Type** | Through-hole (Pins) |
| **Drive Circuit** | Internal (Constant tone when power is applied) |
---
### Core Electronic Components & Operation
The device consists of several critical layers and parts that allow it to function:
1. **Piezoelectric Ceramic Disc:** The heart of the part. When a voltage is applied, the material physically deforms (the inverse piezoelectric effect).
2. **Internal Driver Circuit (OSC):** Unlike a "transducer" which requires an external AC signal, the **P4W-R** version usually includes an internal oscillator. This means you only need to apply a DC voltage to trigger the sound.
3. **Resonant Chamber:** The plastic housing is shaped to amplify the vibrations of the ceramic disc, increasing the decibel (dB) output.
4. **Terminals/Pins:** Usually tin-plated brass pins for soldering onto a Printed Circuit Board (PCB).
---
### Application and Usage
* **Alerts/Alarms:** Used in household appliances (microwave beeps), smoke detectors, and security systems.
* **Feedback:** Provides tactile/audible confirmation in control panels.
* **Medical Equipment:** Used for patient monitoring alarms due to its high reliability and low power consumption.
---
### Connection Diagram (Basic)
```circuit
[Power Supply V+] ---- [ (+) Pin ] (LPA-41P4W-R) [ (-) Pin ] ---- [ Ground/GND ]
```
*Note: Ensure polarity is correct; reversing the pins can damage the internal driver circuit.*
- ⤷
What is the difference between a piezo indicator and a piezo transducer?
- ⤷ Can this component be used with an Arduino or microcontroller?
- ⤷ What is the maximum operating temperature for the LPA-41P4W-R?