LPA-14P2W-R
AI

The **LPA-14P2W-R** is a specific electronic component typically categorized as a **LED Panel Indicator** or a **Light Pipe Assembly**. These components are designed to transmit light from an onboard LED (usually SMD) to a front panel interface, providing visual status indicators for electronic equipment.
---
### 1. Technical Specifications
Below are the general technical parameters associated with this type of light pipe assembly:
| Feature | Specification |
| :--- | :--- |
| **Part Series** | LPA (Light Pipe Array/Assembly) |
| **Positions** | 14-Port / 14-Position |
| **Configuration** | 2-Wide (usually 2 rows of 7 or similar grid) |
| **Mounting Type** | Right Angle / Panel Mount |
| **Material** | Polycarbonate (Clear) |
| **Flammability Rating** | UL 94-V0 |
---
### 2. Key Electronic Functions
The LPA-14P2W-R serves several critical roles in an electronic system:
* **Light Transmission:** It uses total internal reflection (TIR) to guide light from a PCB-mounted LED to the exterior of an enclosure with minimal light loss.
* **Optical Isolation:** The structure is designed to prevent "light bleed" between the 14 different ports, ensuring that an active LED does not illuminate adjacent indicators.
* **ESD Protection:** By providing a physical distance between the external environment and the sensitive PCB components, the plastic assembly helps prevent Electrostatic Discharge (ESD) from reaching the internal circuitry.
---
### 3. Physical Structure
The "14P2W" designation specifically refers to the layout:
* **14P:** 14 individual light channels (Ports).
* **2W:** Arranged in 2 rows (2-Wide), meaning a 7x2 matrix.
* **-R:** Generally indicates a **Right Angle** orientation, meaning the LEDs sit vertically on the PCB, and the light is turned 90 degrees to face the user.
### 4. Typical Applications
1. **Networking Gear:** Status lights for RJ45 ports on switches and routers.
2. **Industrial Controls:** Power, error, and activity indicators on DIN-rail modules.
3. **Storage Servers:** Drive activity and health monitors in blade servers.
---
### Integration Example
When designing a PCB for this part, the footprint must align perfectly with the SMD LEDs.
```markdown
PCB Layout Considerations:
1. LED Pitch: Must match the center-to-center distance of the LPA ports.
2. Height Clearance: Ensure no tall components (capacitors/inductors) obstruct the light pipe path.
3. Light Shielding: Use black solder mask or physical barriers if high-intensity LEDs are used.
```
- ⤷
What are the recommended SMD LED packages to use with the LPA-14P2W-R?
- ⤷ How does the 'Right Angle' orientation affect the PCB footprint compared to vertical versions?
- ⤷ What are the common methods for securing this light pipe to a front panel?