LP8550TLX/NOPB
AI

## Overview of LP8550TLX/NOPB
The **LP8550TLX/NOPB** is a high-efficiency LED backlight driver designed primarily for mobile devices, tablets, and laptops. It is manufactured by Texas Instruments and is known for its ability to drive multiple LED strings with high precision using an integrated inductive boost converter.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.7V to 22V |
| **Output Voltage** | Up to 40V |
| **LED Channels** | 6 Channels |
| **Current per Channel** | Up to 25mA (total 150mA) |
| **Dimming Resolution** | 8-bit to 13-bit PWM/I2C |
| **Switching Frequency** | 312 kHz to 1250 kHz |
| **Package** | DSBGA-25 (Thin Little X) |
---
### 2. Functional Components & Blocks
The internal architecture of the LP8550 consists of several critical electronic sub-systems:
1. **Inductive Boost Converter:** Converts lower battery voltages (e.g., 3.7V) to the higher voltage required to drive a series of LEDs (up to 40V).
2. **Current Sinks:** Six individual sinks ensure that current is balanced across all LED strings, preventing brightness variations.
3. **Control Interface (I2C):** Allows the host processor to program brightness levels, slope times, and monitoring parameters.
4. **PWM Engine:** Supports Pulse Width Modulation for flicker-free dimming.
5. **Protection Circuitry:** Includes Over-Voltage Protection (OVP), Over-Current Protection (OCP), and Thermal Shutdown.
---
### 3. Pinout and Circuit Layout
The device uses a **DSBGA (Die Size Ball Grid Array)** package, which is extremely compact but requires precise PCB assembly.
```c
// Typical Connection Logic
[Battery Vin] ----> [Inductor] ----> [Schottky Diode] ----> [LED Anode]
|
[SW Pin] (Internal MOSFET Switching)
|
[LED Cathodes] <--- [6 Current Sink Pins (CH1-CH6)]
```
---
### 4. Common Applications
* **High-End Tablets:** Provides uniform backlighting for LCD screens.
* **Ultrathin Laptops:** Specifically designed for space-constrained displays (e.g., MacBook Air/Pro series logic boards).
* **Industrial Displays:** Used where high-dimming ratios and reliability are required.
- ⤷
What are the most common failure symptoms of the LP8550 in laptop repair?
- ⤷ How do I configure the I2C registers for maximum brightness?
- ⤷ What are the recommended values for the external inductor and Schottky diode?