AI

The part number **LP4OA1PWNRY** refers to a high-quality, professional-grade **Illuminated Pushbutton Switch** manufactured by **E-Switch** as part of their **LP4 Series**.
Below is a detailed breakdown of its specifications, construction, and electronic characteristics.
---
### 1. Technical Specifications
The following table outlines the key electrical and mechanical parameters for this specific component:
| Feature | Specification |
| :--- | :--- |
| **Circuit Type** | DPDT (Double Pole Double Throw) |
| **Switch Function** | Momentary (On-Off-On action) |
| **Current Rating** | 100mA @ 30VDC |
| **Contact Resistance** | 50 mΩ Max (Initial) |
| **Insulation Resistance** | 100 MΩ Min @ 500VDC |
| **Operating Force** | 150 ± 50 gf |
| **Travel (Total)** | 3.0mm ± 0.3mm |
| **Operating Life** | 200,000 Cycles |
---
### 2. Part Number Breakdown (Decoder)
To understand what each character represents in the sequence **LP4-O-A-1-P-W-N-R-Y**:
* **LP4**: Series identifier (Right Angle, SMT, or Through-hole options).
* **O**: Round Button Shape.
* **A**: Momentary Function (Non-latching).
* **1**: Standard Operating Force (150gf).
* **P**: PC Pin Termination (Through-hole).
* **W**: White Cap Color.
* **N**: No Graphic/Icon on cap.
* **R**: Red LED (First color).
* **Y**: Yellow LED (Second color/Bi-color setup).
---
### 3. Key Electronic Characteristics
#### A. Dual LED Illumination
This specific model features a **Bi-color LED configuration**. In this case, it houses both **Red (R)** and **Yellow (Y)** LEDs. This allows the switch to provide visual feedback to the user, such as:
* Red for "Error" or "Stop."
* Yellow for "Standby" or "Warning."
#### B. DPDT Configuration
As a **Double Pole Double Throw** switch, it controls two separate circuits simultaneously. When the button is pressed, it moves two sets of contacts from their "Normally Closed" position to their "Normally Open" position.
#### C. Low Power Signal Switching
With a rating of **100mA at 30VDC**, this part is designed for **logic-level signals** rather than power switching. It is typically used to interface with microcontrollers (like Arduino/ESP32) or logic gates in a control panel.
---
### 4. Common Applications
* **Audio/Visual Equipment:** Mixer consoles and signal routing.
* **Industrial Controls:** Status indicators on control panels.
* **Telecommunications:** Network switching and diagnostics.
* **Medical Electronics:** User interface buttons for diagnostic tools.
---
- ⤷
What are the resistor requirements for the Red and Yellow LEDs in this switch?
- ⤷ Can this switch be used for AC mains power switching?
- ⤷ Is there a latching version (Push-On/Push-Off) available for the LP4 series?