LP2992IM5-3.0
AI

The **LP2992IM5-3.0** is a high-precision, low-dropout (LDO) voltage regulator designed for battery-powered applications. It is part of the LP2992 series from Texas Instruments (formerly National Semiconductor).
---
## 1. Key Specifications
The following table summarizes the primary electrical characteristics of the **LP2992IM5-3.0**:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 3.0V |
| **Input Voltage Range** | 2.2V to 16V |
| **Maximum Output Current** | 250 mA |
| **Dropout Voltage** | ~450 mV at 250 mA |
| **Quiescent Current** | 850 µA (Full load) / < 1 µA (Shutdown mode) |
| **Package Type** | SOT-23-5 (M5 Designator) |
| **Operating Temperature** | -40°C to 125°C |
---
## 2. Core Electronic Components & Features
The internal circuitry of the LP2992 includes several critical electronic stages:
### A. Pass Transistor (PNP)
Unlike standard linear regulators, the LP2992 uses a **PNP pass transistor**. This allows for a very low dropout voltage, meaning the input voltage only needs to be slightly higher than 3.0V for the device to maintain regulation.
### B. Precision Reference and Error Amplifier
The device contains an internal bandgap reference. The error amplifier constantly compares the output voltage against this reference and adjusts the base current of the PNP transistor to keep the output stable at 3.0V.
### C. ON/OFF Control (Shutdown Pin)
Pin 3 (ON/OFF) allows the device to be disabled electronically.
- **High Logic:** Device is ON.
- **Low Logic:** Device is OFF, reducing current draw to virtually zero, extending battery life.
---
## 3. Pin Configuration (SOT-23-5)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Unregulated Input Voltage |
| 2 | **GND** | Ground |
| 3 | **ON/OFF** | Shutdown Control (Active High) |
| 4 | **BYPASS** | Connection for external capacitor to reduce noise |
| 5 | **VOUT** | Regulated 3.0V Output |
---
## 4. External Component Requirements
To ensure stability and performance, the LP2992 requires specific external capacitors:
1. **Input Capacitor ($C_{IN}$):** A 1 µF capacitor is recommended if the device is located more than 10 inches from the primary power supply filter.
2. **Output Capacitor ($C_{OUT}$):** A minimum of **2.2 µF** is required for stability. It must have a low Equivalent Series Resistance (ESR). Tantalum or high-quality Ceramic capacitors are typically used.
3. **Bypass Capacitor ($C_{BYP}$):** A small 10 nF capacitor connected to Pin 4 significantly reduces output noise.
---
## 5. Typical Applications
* Cellular phones and wireless handsets.
* Battery-powered portable electronics.
* Palmtop and laptop computers.
* High-efficiency "Keep-Alive" power supplies.
---
- ⤷
What is the significance of the ESR value for the output capacitor in this LDO?
- ⤷ How does the 'Bypass' pin improve the signal-to-noise ratio in audio applications?
- ⤷ Can the LP2992IM5-3.0 handle an input voltage higher than 16V?