LP2992IM5-2.5
AI

## LP2992IM5-2.5: Technical Overview
The **LP2992IM5-2.5** is a high-performance, low-dropout (LDO) linear voltage regulator designed for applications requiring low noise and low quiescent current. It is specifically calibrated for a fixed output of **2.5V**.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.5V |
| **Input Voltage Range** | 2.2V to 16V |
| **Output Current** | 250 mA (Maximum) |
| **Dropout Voltage** | ~450 mV @ 250 mA load |
| **Quiescent Current** | 170 µA (at 250 mA load) / < 1 µA (Shutdown mode) |
| **Package Type** | SOT-23-5 (Small Outline Transistor) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Electronic Components (Internal)
The device consists of several integrated circuits that work together to maintain a stable output:
* **Internal Reference:** A bandgap reference voltage that provides a stable comparison point regardless of temperature changes.
* **Error Amplifier:** Compares the output voltage (via a resistor divider) against the internal reference.
* **Pass Transistor (PNP):** The LP2992 uses a PNP pass transistor, which allows for a very low dropout voltage compared to NPN-based regulators.
* **ON/OFF Control (Shutdown):** Logic circuitry that allows the device to be completely disabled to save power in battery-operated devices.
---
### 3. Pin Configuration (SOT-23-5)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **IN** | Unregulated Input Voltage. |
| 2 | **GND** | Ground. |
| 3 | **ON/OFF** | Shutdown Input (High = On, Low = Off). |
| 4 | **BYPASS** | Connect a bypass capacitor to reduce output noise. |
| 5 | **OUT** | Regulated 2.5V Output. |
---
### 4. Critical External Components
To ensure stability and performance, the following external parts are required:
1. **Input Capacitor ($C_{in}$):** At least **1.0 µF** is recommended to bypass the input power line, especially if the regulator is far from the power source.
2. **Output Capacitor ($C_{out}$):** A minimum of **2.2 µF** is strictly required for stability. It must have a low Equivalent Series Resistance (ESR).
3. **Bypass Capacitor ($C_{BYP}$):** A **10 nF** capacitor connected to Pin 4 significantly reduces output noise and improves Power Supply Rejection Ratio (PSRR).
---
### 5. Common Applications
* Cellular phones and wireless devices.
* Palmtop and Laptop computers.
* Battery-powered instrumentation.
* High-efficiency linear power supplies.
- ⤷
What is the maximum power dissipation for the SOT-23-5 package in this regulator?
- ⤷ Can I use a ceramic capacitor for the output
- ⤷ and what are the ESR requirements?
- ⤷ How does the 'Shutdown' pin logic work if I want to keep the device always on?