LP2950L-33-T92-R
AI

The **LP2950L-33-T92-R** is a popular low-dropout (LDO) linear voltage regulator. It is designed to provide a stable, fixed output voltage while maintaining a very low quiescent current, making it ideal for battery-powered applications.
---
### 1. Part Number Breakdown
Understanding the suffix codes helps in identifying the specific variant of this component:
| Code Segment | Meaning |
| :--- | :--- |
| **LP2950** | Series Name (Low Dropout Regulator) |
| **L** | Lead-free / RoHS Compliant |
| **33** | Output Voltage (3.3V) |
| **T92** | Package Type (TO-92) |
| **R** | Packing Style (Tape & Reel) |
---
### 2. Key Technical Specifications
The device is characterized by its efficiency in stepping down voltage with minimal energy loss.
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | 3.3V (Fixed) |
| **Max Input Voltage** | 30V |
| **Output Current** | 100mA (Maximum) |
| **Dropout Voltage** | ~40mV (at light loads), ~380mV (at 100mA) |
| **Quiescent Current** | 75µA (Typical) |
| **Operating Temp** | -40°C to +125°C |
---
### 3. Pinout Configuration
The **TO-92** package is a small, plastic three-pin package resembling a transistor.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **1** | **Vout** | Regulated 3.3V Output |
| **2** | **GND** | Ground |
| **3** | **Vin** | Unregulated Input Voltage |
---
### 4. Features and Applications
#### Features
- **Extremely Low Quiescent Current:** Reduces power drain when the device is in standby.
- **Low Dropout Voltage:** Can maintain a 3.3V output even when the input voltage is only slightly above 3.3V (e.g., 3.7V).
- **Tight Regulation:** High accuracy in maintaining the output voltage despite changes in load or input.
- **Protection:** Includes internal current limiting and thermal shutdown.
#### Common Applications
1. **Battery Powered Systems:** Prolongs battery life in handheld meters or remote sensors.
2. **Microcontroller Power:** Providing stable 3.3V to MCUs like ESP8266, STM32, or low-power Arduinos.
3. **Linear Post-Regulators:** Used after a switching regulator to filter out high-frequency noise.
---
### 5. Standard Implementation Circuit
To ensure stability, LDOs require external capacitors.
```mermaid
graph LR
Input -->|Vin| LP2950
LP2950 -->|Vout| Output
LP2950 --- Ground
```
* **Input Capacitor:** A 1µF tantalum or electrolytic capacitor is recommended to filter input noise.
* **Output Capacitor:** A minimum of **1µF to 2.2µF** is essential for stability. The ESR (Equivalent Series Resistance) of this capacitor is critical for preventing oscillation.
- ⤷
What is the maximum input voltage the LP2950L-33 can safely handle?
- ⤷ How does the dropout voltage change as the load current increases?
- ⤷ Can I use ceramic capacitors instead of tantalum for the output?