LP2950L-33-D08-R
AI

## Technical Overview: LP2950L-33-D08-R
The **LP2950L-33-D08-R** is a precision, low-dropout (LDO) voltage regulator designed to provide a stable 3.3V output. It is widely used in battery-powered systems due to its very low quiescent current and small dropout voltage.
---
### Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | 3.3V (Fixed) |
| **Max Output Current** | 100 mA |
| **Input Voltage Range** | Up to 30V |
| **Dropout Voltage** | ~380 mV @ 100mA |
| **Quiescent Current** | 75 µA (Typical) |
| **Package Type** | DIP-8 (Dual In-line Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### Internal Components & Functionality
The device consists of several critical electronic sub-circuits integrated into the silicon:
1. **Internal Reference:** A temperature-compensated bandgap reference that ensures the 3.3V remains stable regardless of heat or input fluctuations.
2. **Error Amplifier:** Compares the output voltage to the internal reference and adjusts the pass transistor to maintain regulation.
3. **Pass Transistor:** A PNP transistor that allows the regulator to operate with a very low dropout voltage compared to standard NPN-based regulators (like the 7805).
4. **Protection Circuitry:**
* **Current Limiting:** Protects the device during output overload.
* **Thermal Shutdown:** Shuts the device off if the internal temperature exceeds safe limits.
---
### Pin Configuration (DIP-8)
While the LP2950 is often found in 3-pin TO-92 packages, the **D08** suffix indicates the **DIP-8** footprint. In this package, the pins are typically assigned as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **Output** | Regulated 3.3V output |
| 2, 3, 6, 7 | **NC** | No internal connection |
| 4 | **Ground** | System ground |
| 8 | **Input** | Unregulated input voltage |
---
### Usage Recommendations
To ensure stability and performance, specific external components are required:
* **Output Capacitor:** A minimum of **1.0µF** is required for stability. The Equivalent Series Resistance (ESR) of this capacitor is critical; it should generally be between 0.1Ω and 10Ω.
* **Input Capacitor:** A **0.1µF** tantalum or ceramic capacitor is recommended at the input if the regulator is located far from the power supply filter.
---
- ⤷What are the main differences between the LP2950 and the LP2951?
- ⤷ How does the ESR of the output capacitor affect the stability of this LDO?
- ⤷ Can this regulator handle an input voltage spike up to 30V safely?