công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LOR3E-R012-D

  • AI
    The **LOR3E-R012-D** is a specialized electronic component, typically categorized as a **Precision Current Sensing Resistor** (Shunt Resistor). It is designed for high-accuracy current measurement in power management systems. --- ### 1. Key Technical Specifications Below are the primary parameters associated with this specific part number: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 12 mΩ (0.012 Ω) | Indicated by "R012" | | **Power Rating** | 3 Watts | Indicated by "3" in the prefix | | **Tolerance** | ±0.5% or ±1% | High precision for measurement | | **Technology** | Metal Plate / Shunt | Low inductance design | | **Temperature Coefficient** | ±50 ppm/°C to ±100 ppm/°C | Stability over heat | | **Package Style** | SMD (Surface Mount) | Often in 2512 or similar large footprint | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the component's capabilities: * **LO (Low Ohmic):** Indicates a resistor designed for very low resistance values. * **R3 (3 Watts):** This is the power dissipation capability. High wattage is required for current sensing to prevent the resistor from burning out. * **E (Enhanced):** Often refers to a specific series or material composition (like Manganese-Copper alloy). * **R012 (0.012 Ohms):** The actual resistance value. * **D (Tolerance):** Typically signifies a ±0.5% tolerance (though this can vary by manufacturer code, such as Ohmite or KOA Speer). --- ### 3. Functional Applications The LOR3E-R012-D is used primarily to translate current into a measurable voltage drop ($V = I \times R$). * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs. * **DC-DC Converters:** Providing feedback loops for over-current protection. * **Motor Control:** Sensing the phase current of motors to ensure smooth operation. * **Power Supplies:** Regulating the output current of high-performance PSU units. --- ### 4. Why Use Metal Plate Technology? Unlike standard thick-film resistors, the LOR3E series uses a solid metal alloy element. This provides: 1. **Low Thermal EMF:** Minimizes voltage errors caused by temperature gradients. 2. **High Surge Capability:** Can handle brief spikes in current without failing. 3. **Low Inductance:** Crucial for high-frequency switching circuits where parasitic inductance can distort signals.
    ✨ Follow-up Questions
    • ⤷ What are the recommended soldering temperatures for metal plate shunt resistors?
    • ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?
    • ⤷ What are the common alternatives to the LOR3E-R012-D for automotive applications?