LOR3E-R010-G
AI

The **LOR3E-R010-G** is a high-precision, low-resistance current sensing resistor typically manufactured by brands like **LIZ Electronics**. It belongs to the **Metal Foil** or **Metal Element** resistor family, designed specifically for power management and current detection.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify its specific electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LOR** | Series | Low Ohmic Metal Strip Resistor |
| **3E** | Case Size | 2512 (Inch) / 6432 (Metric) |
| **R010** | Resistance Value | 0.010 $\Omega$ (10 m$\Omega$) |
| **G** | Tolerance | $\pm$2% |
---
### 2. Technical Specifications
These parts are engineered to handle high current while maintaining thermal stability.
* **Resistance:** 10 Milliohms ($0.010 \Omega$)
* **Power Rating:** Typically 2W to 3W (standard for the 2512/LOR series).
* **Temperature Coefficient (TCR):** Usually low (e.g., $\pm$50ppm/°C to $\pm$100ppm/°C), ensuring the resistance doesn't drift significantly as the part heats up.
* **Construction:** Metal plate/foil element with a protective coating, offering superior heat dissipation compared to standard thick-film resistors.
---
### 3. Key Electronic Functions
#### A. Current Sensing (Shunt)
The primary role of this part is to act as a **Shunt Resistor**. According to Ohm's Law ($V = I \times R$), a known resistance allows a circuit controller to measure the voltage drop across the component to determine the exact current flowing through the system.
#### B. Power Management
Because it has a very low resistance (10m$\Omega$), it minimizes "Insertion Loss." It allows high current to pass through without wasting significant energy as heat, making it ideal for battery management systems (BMS).
#### C. Overcurrent Protection
By monitoring the voltage across the LOR3E-R010-G, a protection circuit can trigger a shutdown if the current exceeds safe limits, preventing damage to the rest of the device.
---
### 4. Common Applications
* **DC-DC Converters:** Monitoring output current for regulation.
* **Battery Chargers:** Managing charging rates for Li-ion or Lead-acid batteries.
* **Motor Control:** Detecting stall currents or managing torque in small motors.
* **Laptop/Mobile Power:** Distributing power from the USB-C or DC input.
---
- ⤷What is the maximum current this resistor can handle based on its 3W power rating?
- ⤷ How does a metal foil resistor differ from a standard thick-film resistor in terms of noise?
- ⤷ What are the recommended PCB landing patterns for a 2512 package to ensure heat dissipation?