LOR3E-R010-F
AI

The **LOR3E-R010-F** is a high-precision, low-resistance metal strip chip resistor. It is part of a specialized category of components used primarily for **current sensing** (Ammeter) applications.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the exact specifications of the component:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LOR** | Series Code | Low Ohmic Resistor (Metal Strip) |
| **3E** | Case Size | 2512 Metric (6.4 x 3.2 mm) |
| **R010** | Resistance Value | 0.010 Ohms (10 mΩ) |
| **F** | Tolerance | ±1% Accuracy |
---
### 2. Technical Specifications
These are the typical electrical characteristics for this specific part:
* **Resistance:** 10 mΩ (Milliohms)
* **Power Rating:** Typically 2W to 3W (depending on the specific manufacturer's thermal rating for the 2512 size).
* **Technology:** Metal Strip / Metal Plate (provides superior stability and heat dissipation compared to thick film).
* **Temperature Coefficient (TCR):** Usually low (±50ppm/°C to ±100ppm/°C), ensuring accuracy across temperature fluctuations.
* **Operating Temperature:** -55°C to +170°C.
---
### 3. Key Features and Benefits
1. **High Power-to-Size Ratio:** The 2512 package is large enough to dissipate significant heat while maintaining a low profile on the PCB.
2. **Low Inductance:** Because it is a solid metal strip rather than a wire-wound component, it has very low parasitic inductance, making it suitable for high-frequency switching applications.
3. **High Pulse Capability:** Metal strip construction handles short-duration high-current surges better than standard resistors.
---
### 4. Common Applications
Since this is a current-sensing resistor, it is placed in series with a load to measure current flow by calculating the voltage drop across it ($V = I \times R$).
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles.
* **DC-DC Converters:** Providing feedback for current-mode control.
* **Motor Control:** Detecting overcurrent conditions or managing torque.
* **Power Supplies:** Load monitoring and short-circuit protection.
---
### 5. Footprint (2512 Package)
```text
Dimensions (approx):
Length: 6.35 mm ± 0.2
Width: 3.18 mm ± 0.2
Height: 0.65 mm ± 0.2
```
- ⤷
What is the maximum current this resistor can handle at 3W?
- ⤷ How does a metal strip resistor compare to a shunt resistor?
- ⤷ What are the recommended PCB pad layouts for current sensing resistors?