công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LOR3E-R01-H

  • AI
    The **LOR3E-R01-H** is a specialized electronic component, typically identified as a high-performance **Optical Receiver Module** or a **Photo-Detector** assembly often used in industrial automation, fiber optic sensing, or laser-based measurement systems. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. Technical Specifications Overview The "LOR" series usually refers to "Laser Optical Receivers." The suffix codes define the sensitivity, package style, and connector type. | Feature | Description | | :--- | :--- | | **Component Type** | Optical Receiver / Photo-Sensor | | **Operating Voltage** | Typically 5V DC or 12-24V DC (Model dependent) | | **Detection Method** | Through-beam or Retro-reflective (Laser) | | **Response Time** | High-speed (Microseconds range) | | **Output Type** | Digital (NPN/PNP) or Analog (Voltage/Current) | | **Connection** | M12 Connector or Hard-wired cable (H-suffix) | --- ### 2. Core Electronic Architecture The internal circuitry of the LOR3E-R01-H consists of several critical stages: #### A. The Photodetector (Input Stage) The "heart" of the device is a **Photodiode** (likely Silicon-based). It converts incoming photons (light) into a very small electrical current (Photocurrent). #### B. Transimpedance Amplifier (TIA) Because the photocurrent is extremely weak, an internal TIA converts this current into a measurable voltage while minimizing noise. This allows the device to detect low-intensity laser signals over long distances. #### C. Signal Processing & Discrimination * **Bandpass Filter:** Removes ambient light interference (like sunlight or overhead room lights). * **Comparator:** Compares the signal voltage against a preset threshold. If the light beam is broken, the comparator flips the output state. #### D. Output Driver (Output Stage) The final stage is a transistor-based driver: * **NPN/PNP Open Collector:** Used for switching PLC inputs or relays. * **Protection Circuitry:** Includes reverse polarity protection and surge suppression to prevent damage from wiring errors. --- ### 3. Key Features of the "H" Variant In many manufacturer naming conventions (such as those used for industrial sensors), the specific suffixes mean: * **R01:** Refers to the sensing range (e.g., 1 meter or 10 meters) or a specific revision of the PCB. * **-H:** Often denotes **High Sensitivity** or **High Speed**. It may also indicate a specific housing material (Heat-resistant or Hermetically sealed). --- ### 4. Typical Applications * **Object Counting:** High-speed detection on conveyor belts. * **Safety Barriers:** Detecting breaches in a restricted area using a laser perimeter. * **Positioning:** Ensuring mechanical parts are aligned within microns using a laser beam.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M12 connector on this module?
    • ⤷ How does the 'H' high-sensitivity version differ in power consumption compared to the standard model?
    • ⤷ Is the output of the LOR3E-R01-H compatible with 24V PLC logic?