công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LOR34T-R150-K

  • AI
    Based on the technical nomenclature, the **LOR34T-R150-K** typically refers to a high-precision, low-resistance **Current Sense Resistor** (Shunt Resistor). These components are vital for power management systems to monitor current flow by measuring the voltage drop across the resistor. --- ### 1. Part Number Breakdown (Estimated) While specific manufacturer prefixes can vary, the nomenclature generally breaks down as follows: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LOR** | Series Type | Low Ohmic Resistor / Metal Plate Shunt. | | **34T** | Case Size | Often corresponds to a specific physical footprint (e.g., 2512 or 4-terminal kelvin). | | **R150** | Resistance Value | **150 mΩ (0.150 Ohms)**. The 'R' acts as a decimal point. | | **K** | Tolerance | **±10%** (though some series use K for ±1%). | --- ### 2. Technical Specifications These parts are engineered for high stability and low thermal noise. * **Technology:** Metal plate or metal alloy construction. This allows for high current handling without the risk of burning out like standard thick-film resistors. * **Inductance:** Low self-inductance, making it suitable for high-frequency switching power supplies. * **TCR (Temperature Coefficient of Resistance):** Usually very low (e.g., ±50ppm/°C to ±100ppm/°C) to ensure accuracy across a wide temperature range. * **Power Rating:** Depending on the package size, these typically range from **1W to 3W**. --- ### 3. Application Use Cases The LOR34T-R150-K is used in circuits where current needs to be converted into a measurable voltage signal. 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback for over-current protection (OCP). 3. **Motor Control:** Sensing phase current to manage torque and speed. 4. **Power Inverters:** Used in solar or automotive electronics to track power throughput. --- ### 4. Implementation Diagram (Conceptual) ```c // Current Measurement Logic (Ohm's Law: V = I * R) // If R = 150mOhm (0.150 Ohms) // If measured Voltage (V_drop) = 150mV // Then Current (I) = 1 Ampere ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical package size for the 34T series?
    • ⤷ Does this resistor support 4-terminal Kelvin sensing for higher accuracy?
    • ⤷ What is the maximum wattage rating for the R150-K variant?