LOR34T-R150-G
AI

The **LOR34T-R150-G** is a specialized electronic component, typically categorized as a high-precision, low-resistance shunt resistor. These components are critical in power management systems for monitoring current flow.
---
### 1. Component Identification & Specifications
Based on the standard nomenclature for this series, here is the breakdown of its technical characteristics:
| Specification | Details |
| :--- | :--- |
| **Component Type** | Current Sense Shunt Resistor |
| **Resistance Value** | 150 mΩ (0.150 Ohms) |
| **Tolerance** | Usually ±1% or ±2% (indicated by suffix codes) |
| **Construction** | Metal Plate / Alloy technology |
| **Termination** | Surface Mount (SMD) |
| **RoHS Status** | Compliant (Lead-free) |
---
### 2. Key Internal Features
The "LOR" series is engineered for stability under thermal stress. Key electronic attributes include:
* **Low TCR (Temperature Coefficient of Resistance):** Designed to maintain a stable resistance value even as the component heats up due to current flow.
* **High Power Rating:** Utilizes a metal alloy plate which allows for higher wattage dissipation compared to standard thick-film resistors.
* **Low Inductance:** The physical structure minimizes parasitic inductance, making it suitable for high-frequency switching applications.
---
### 3. Functional Applications
The LOR34T-R150-G is primarily used in **Current Sensing** circuits. By placing this resistor in series with a load, a small voltage drop is created ($V = I \times R$). This voltage is then measured by an Integrated Circuit (IC) to determine the current.
#### Common Use Cases:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries.
2. **DC-DC Converters:** Providing feedback for over-current protection.
3. **Motor Control:** Detecting stalls or regulating torque in small motors.
4. **Power Supplies:** Ensuring efficient power distribution in consumer electronics.
---
### 4. Technical Precautions
When integrating this part into a PCB design, consider the following:
* **Kelvin Connection (4-Terminal Sensing):** To get the most accurate reading of 150mΩ, it is recommended to use "Kelvin" traces to separate the high-current path from the voltage-sensing path.
* **Heat Dissipation:** Ensure adequate copper pour around the pads to act as a heat sink, as shunt resistors convert excess current into heat.
- ⤷
What is the maximum power rating (Watts) for the LOR34T series?
- ⤷ How do I implement a Kelvin connection for this resistor on a PCB?
- ⤷ What are the common alternatives to the R150 resistance value in this series?