LOR34T-R010-H
AI

The **LOR34T-R010-H** is a high-precision, low-resistance current sense resistor. These components are critical in power management circuits where measuring current flow with high accuracy and minimal power loss is required.
---
### 1. Key Technical Specifications
Based on the part number nomenclature typical for this series (often produced by manufacturers like LIZ Electronics), here are the primary specifications:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 0.010 $\Omega$ (10 m$\Omega$) | Very low resistance to minimize voltage drop. |
| **Power Rating** | 3 Watts | Ability to dissipate heat under high current. |
| **Tolerance** | ±1% or ±0.5% | High precision for accurate current measurement. |
| **Package Size** | 2512 (Metric 6432) | Large SMD footprint to handle heat dissipation. |
| **Material** | Metal Strip / Alloy | Provides stability and low Temperature Coefficient (TCR). |
---
### 2. Functional Characteristics
#### A. Current Sensing (Shunt Resistor)
The primary function of the LOR34T-R010-H is to act as a **shunt**. By placing this resistor in series with a load, a small voltage is generated across it ($V = I \times R$). Because the resistance is a known constant (10 m$\Omega$), a controller can calculate the exact current flowing through the system.
#### B. Thermal Management
Since it is rated for **3 Watts**, it is designed to handle significant current. For example, at 10 Amps, the power dissipation would be:
`P = I²R = (10)² * 0.010 = 1 Watt`.
The 3W rating provides a safety buffer to prevent thermal drifting or component failure.
#### C. Low TCR (Temperature Coefficient of Resistance)
"H" in the suffix often denotes high-reliability or specific TCR ratings. This ensures that the resistance value remains stable even as the component heats up during operation.
---
### 3. Common Applications
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs.
* **DC-DC Converters:** Providing feedback loops for over-current protection.
* **Motor Control:** Detecting stall conditions or managing torque by measuring phase current.
* **Power Supplies:** Regulating output current in industrial or consumer electronics.
---
### 4. Implementation Layout Tip
When using a 10 m$\Omega$ resistor, **Kelvin Sensing (4-terminal layout)** is highly recommended. Even the resistance of the PCB copper traces can add several milliohms of error. By using separate traces for the current path and the voltage sensing path, you ensure the measurement reflects only the resistor's drop.
- ⤷
How do I calculate the maximum current this resistor can handle without exceeding 3W?
- ⤷ What are the advantages of metal strip resistors over thick film resistors for current sensing?
- ⤷ Can this part be used in automotive applications requiring AEC-Q200 qualification?