LOR318-R01-G
AI

The **LOR318-R01-G** belongs to the family of high-performance optoelectronic components, specifically categorized as an **Infrared Receiver Module** (often used for IR remote control systems). These modules are designed to receive infrared signals, amplify them, and demodulate the data for a microcontroller.
---
### 1. Key Technical Specifications
The following table outlines the typical electrical and physical characteristics of this component series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Carrier Frequency** | 38.0 (Standard) | kHz |
| **Supply Voltage (Vcc)** | 2.7 to 5.5 | V |
| **Supply Current** | 0.5 to 1.5 | mA |
| **Reception Distance** | 10 - 15 | Meters |
| **B.W. (Bandwidth)** | +/- 2 | kHz |
| **Peak Wavelength** | 940 | nm |
---
### 2. Internal Block Diagram Functions
The LOR318-R01-G is an integrated circuit (IC) that combines several electronic stages into a single three-pin package:
* **Photodiode:** Converts the incoming IR light into a small electrical current.
* **Preamplifier:** Boosts the weak signal from the photodiode.
* **Automatic Gain Control (AGC):** Adjusts sensitivity to prevent saturation from bright ambient light or nearby transmitters.
* **Band Pass Filter:** Filters out noise and only allows the specific carrier frequency (e.g., 38kHz) to pass.
* **Demodulator & Schmitt Trigger:** Strips away the carrier wave and outputs a clean square wave (Digital Logic) representing the original data.
---
### 3. Pin Configuration
The device typically features three pins. While you should always verify with the specific datasheet, the standard layout is:
1. **OUT (Signal):** Connected to the GPIO pin of a microcontroller (active low).
2. **GND (Ground):** Connected to the 0V power rail.
3. **Vcc (Power):** Connected to the positive supply (3.3V or 5V).
---
### 4. Application Circuit Example
To ensure stable operation, a simple RC filter is often recommended on the power line to reduce noise:
```cpp
// Typical Arduino usage pseudo-code
int irPin = 2; // Connected to 'OUT' pin of LOR318
void setup() {
pinMode(irPin, INPUT);
Serial.begin(9600);
}
void loop() {
int status = digitalRead(irPin);
if (status == LOW) {
// IR signal detected (Active Low logic)
Serial.println("Signal Received");
}
}
```
---
### 5. Common Use Cases
* **Consumer Electronics:** TV, DVD players, and Air Conditioning remote receivers.
* **Industrial:** IR data transmission and wireless switches.
* **Robotics:** Obstacle detection (when used with an IR LED) and remote command execution.
- ⤷What is the difference between the 38kHz and 56kHz versions of this module?
- ⤷ How do I calculate the resistor values for the RC filter on the Vcc pin?
- ⤷ Can this module be used for high-speed data transfer or only for remote control?