công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LOR3-R150-D

  • AI
    Based on the technical nomenclature, the **LOR3-R150-D** typically refers to a high-precision **Current Shunt Resistor** or a specific **Current Sensing Module** often used in automotive and industrial battery management systems (BMS). ### 1. Key Technical Specifications The part number can be broken down into its functional characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Current Shunt Resistor | Used for measuring high current flows. | | **Resistance Value** | 150 $\mu\Omega$ (Micro-Ohms) | Ultra-low resistance to minimize power loss. | | **Current Rating** | High (Typically 100A - 500A+) | Designed for high-power applications. | | **Material** | Manganin / Metal Alloy | Provides excellent temperature stability. | | **Mounting Style** | Busbar / Bolt-on | Usually features holes for secure mechanical mounting. | --- ### 2. Internal Electronic Properties The LOR3-R150-D functions based on **Ohm's Law ($V = I \times R$)**. As current flows through the shunt, a small voltage drop occurs across it. * **Low Temperature Coefficient (TCR):** These parts are engineered to maintain a stable resistance value even as the temperature fluctuates due to high current flow. * **Precision Sensing:** The "D" suffix often denotes a specific tolerance class (e.g., ±0.5% or ±1%), ensuring accurate data for the battery controller. * **Kelvin Connection (4-Terminal):** Most shunts of this grade utilize a 4-terminal setup. Two large terminals carry the load current, while two smaller terminals (Sensing lines) measure the voltage drop to eliminate the resistance of the lead wires from the measurement. --- ### 3. Common Applications Due to its low resistance and high power handling, this part is found in: 1. **Electric Vehicles (EVs):** Monitoring the state of charge (SoC) and state of health (SoH) of the main battery pack. 2. **Solar Inverters:** Tracking the DC current input from solar arrays. 3. **UPS Systems:** Managing battery discharge during power outages. 4. **Industrial Welders:** Regulating output current for precision welding. --- ### 4. Installation Considerations To ensure the electronic accuracy of the LOR3-R150-D, consider the following: * **Heat Dissipation:** Although 150 $\mu\Omega$ is small, at 300A, the power dissipation is $I^2R = (300^2) \times 0.00015 = 13.5W$. Adequate airflow or heatsinking is necessary. * **Torque Specs:** Use the manufacturer-specified torque for bolts to ensure a low-resistance mechanical connection.
    ✨ Follow-up Questions
    • ⤷ What is the maximum continuous current rating for the LOR3-R150-D?
    • ⤷ How do I calibrate a BMS controller to work with a 150 micro-ohm shunt?
    • ⤷ What are the alternatives to shunt-based current sensing for high-power applications?