LOR3-R010-D
AI

The **LOR3-R010-D** is a high-precision, low-resistance current sense resistor. These components are specifically designed to monitor current flow in electronic circuits by measuring the small voltage drop across the resistor.
### Technical Specifications
Below are the primary electrical and physical characteristics of the LOR3-R010-D:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 0.010 Ω (10 mΩ) |
| **Power Rating** | 3 Watts |
| **Tolerance** | ±0.5% (D-Grade) |
| **Temperature Coefficient (TCR)** | Typically ±50 ppm/°C or lower |
| **Package Type** | Radial Lead (Through-Hole) |
| **Material** | Open-air metal element |
---
### Key Features and Construction
1. **Metal Element Design**: Unlike standard film resistors, the LOR series uses a solid metal alloy element. This allows the part to handle high current surges and maintain stability without the risk of "burning out" like carbon-based components.
2. **Low Inductance**: The "open-air" construction results in very low self-inductance. This is critical for high-frequency switching applications like Power Factor Correction (PFC) or DC-DC converters.
3. **High Precision**: The "D" suffix indicates a **±0.5% tolerance**, which is high precision for a power resistor. This ensures that the current measurement is accurate across varying temperatures.
4. **Heat Dissipation**: The radial leads are designed to lift the resistive element off the PCB, allowing air to circulate around it and preventing heat damage to the circuit board.
### Common Applications
* **Battery Management Systems (BMS)**: Monitoring charge and discharge cycles in lithium-ion packs.
* **Motor Control**: Providing feedback loops for speed and torque regulation.
* **Power Supplies**: Over-current protection and voltage regulation.
* **Automotive Electronics**: Sensing current for auxiliary systems.
---
### Typical Circuit Implementation
In a standard circuit, the resistor is placed in series with the load. The voltage ($V$) is measured across the resistor's terminals:
```python
# Ohms Law Calculation for this part
Resistance = 0.010 # Ohms
Max_Power = 3.0 # Watts
# Calculating Max Continuous Current (I = sqrt(P/R))
Max_Current = (Max_Power / Resistance) ** 0.5
print(f"Maximum Continuous Current: {Max_Current} Amperes")
```
- ⤷
What is the significance of the 0.5% tolerance in current sensing?
- ⤷ How does the 'Open-Air' design compare to SMD shunt resistors?
- ⤷ What are the thermal considerations when mounting this resistor on a PCB?