LNBP9K7-R
AI

## Overview of the LNBP9K7-R
The **LNBP9K7-R** is a specialized monolithic voltage regulator and interface IC, specifically designed to provide power and control signals to a **Low Noise Block (LNB)** downconverter in satellite TV receivers (set-top boxes).
It is engineered to handle the complex signaling requirements of satellite systems while maintaining high efficiency and thermal stability.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | STMicroelectronics |
| **Input Voltage Range** | 8V to 15V |
| **Output Voltage (LNB)** | 13V (Vertical) / 18V (Horizontal) |
| **Output Current** | Up to 700mA (Internal Limit) |
| **Tone Frequency** | 22 kHz (Internal Generator) |
| **Package Type** | PowerSO-10 (Surface Mount) |
| **Operating Temperature** | -40°C to 125°C |
---
### Key Electronic Functions
The LNBP9K7-R integrates several critical sub-circuits into a single chip:
1. **Dual Voltage Selection:**
It switches the output between **13V and 18V** based on a logic input. This allows the satellite receiver to select the polarization (Vertical vs. Horizontal) of the LNB.
2. **22kHz Tone Generator:**
It features a built-in oscillator that superimposes a 22kHz signal onto the DC output. This tone is used to switch the LNB between high and low frequency bands (DiSEqC™ protocol support).
3. **Step-Up Converter Interface:**
The IC is often paired with a simple external inductor/diode circuit to boost the low input voltage (e.g., 12V) to the required 18V output.
4. **Protection Circuitry:**
* **Over-temperature protection:** Shuts down the device if it exceeds safe thermal limits.
* **Short-circuit protection:** Prevents damage to the set-top box if the coaxial cable is shorted.
---
### Typical Application Circuit
Below is a conceptual representation of how the LNBP9K7-R is integrated into a system:
```mermaid
graph LR
A[Power Supply 12V] --> B(LNBP9K7-R)
C[Microcontroller Logic] --> B
B --> D[Filter/Coupling]
D --> E[F-Connector to LNB]
```
### Pin Configuration (PowerSO-10)
| Pin Name | Function Description |
| :--- | :--- |
| **VCC** | Main Supply Input |
| **VOUT** | Regulated Output to LNB |
| **VSEL** | Logic input for 13V/18V selection |
| **TEN** | Tone Enable (Turns 22kHz signal on/off) |
| **EXTM** | External Modulation Input |
| **GND** | Ground (Connected to thermal pad) |
---
- ⤷
What are the main differences between the LNBP9 and the LNBP20 series?
- ⤷ Can the LNBP9K7-R be used for DiSEqC 2.0 communication?
- ⤷ What external components are strictly required for the 22kHz tone generation to work?