công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LMV331M5

  • AI
    ## Technical Overview: LMV331M5 Comparator The **LMV331M5** is a low-voltage, single-channel general-purpose comparator designed for space-sensitive applications. It is a cost-effective, "Low Voltage" version of the industry-standard LM339/393 family, optimized for modern 3.3V and 5V systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.7V to 5.5V | | **Supply Current** | 40 µA (Typical) | | **Output Type** | Open Collector | | **Propagation Delay** | 200 ns (Typical) | | **Operating Temperature** | -40°C to +85°C | | **Package** | SOT-23-5 (5-pin) | --- ### 2. Core Features * **Open Collector Output:** This is a critical feature. The output requires an external **pull-up resistor** to function. This allows the comparator to interface with different logic levels (e.g., comparing a 2.7V signal but outputting a 5V signal). * **Rail-to-Rail Input:** The common-mode input voltage range includes ground (V-), making it excellent for sensing signals near 0V. * **Low Power Consumption:** With only 40 µA of current draw, it is ideal for battery-powered devices. * **Small Footprint:** The M5 suffix denotes the SOT-23-5 package, which is roughly 3mm x 3mm, saving significant PCB space. --- ### 3. Pin Configuration (SOT-23-5) The LMV331M5 typically follows this pinout: 1. **IN+**: Non-inverting input. 2. **GND**: Negative supply or ground. 3. **IN-**: Inverting input. 4. **OUT**: Open collector output. 5. **Vcc**: Positive supply voltage. --- ### 4. Typical Applications The LMV331M5 is commonly used in circuits where a simple "Yes/No" or "High/Low" decision is needed based on a voltage threshold: * **Battery Monitoring:** Detecting when a battery voltage drops below a safe limit. * **Zero-Crossing Detectors:** Identifying when an AC signal crosses 0V. * **Window Comparators:** Checking if a voltage stays within a specific range. * **Level Shifting:** Converting a low-voltage sensor signal into a digital signal for a microcontroller. --- ### 5. Implementation Example To use the LMV331M5, you must include a pull-up resistor ($R_{pullup}$) between the `OUT` pin and your desired logic voltage. ```python # Theoretical logic for LMV331M5 if (Voltage_at_IN+) > (Voltage_at_IN-): Output_Pin = High_Impedance (Pulled HIGH by resistor) else: Output_Pin = Ground (Logic LOW) ``` ---
    ✨ Follow-up Questions
    • ⤷Why does the LMV331M5 require a pull-up resistor for its output?
    • ⤷ How does the LMV331 compare to the LMV393 dual comparator?
    • ⤷ What is the maximum output current the LMV331M5 can sink?