LMS-C4W-R/Q
AI

Based on technical specifications for industrial wireless components, the **LMS-C4W-R/Q** typically refers to a high-performance **Wireless Remote Control System** or receiver module often used in crane and hoist applications.
Below is a breakdown of the electronic parts and technical characteristics associated with this series.
---
## 1. Core Component Breakdown
The device is composed of several critical electronic sub-systems designed for reliability in harsh industrial environments:
| Component Category | Description |
|:---|:---|
| **Microcontroller (MCU)** | A high-speed processor that decodes incoming RF signals and executes safety logic. |
| **RF Transceiver** | The radio frequency module (often 433MHz or 2.4GHz) that receives signals from the transmitter. |
| **Relay Array** | Electromechanical relays (Q series often denotes specific relay counts) that switch the high-voltage/current loads for motors. |
| **Power Supply Unit** | A step-down transformer or switching power supply (SMPS) converting AC (e.g., 48V-440V) to DC (5V/12V). |
| **Antenna System** | Internal or external high-gain antenna for signal stability. |
---
## 2. Technical Specifications
These parts are engineered to meet specific electrical standards for industrial automation:
* **Operating Voltage:** Typically ranges from **24V to 440V AC/DC** depending on the specific model variant.
* **Output Relays:** Rated for **5A to 10A at 250VAC**.
* **Security Coding:** Uses a **Hamming Code** and unique ID codes (often 32-bit) to prevent interference from other remotes.
* **Protection Circuitry:** Includes fuses and surge protectors to prevent damage from power spikes.
---
## 3. The "R/Q" Suffix Meaning
In industrial wireless naming conventions, these suffixes usually define the electronic configuration of the output:
### **R (Receiver Unit)**
The "R" indicates the **Receiver** module, which is the stationary part wired into the control panel of the machine. It contains the heavy-duty relays and the main logic board.
### **Q (Output Configuration)**
The "Q" often refers to a specific **Quantity** or type of output contacts. For example:
1. **Contact Type:** Normally Open (NO) or Normally Closed (NC) configurations.
2. **Safety Logic:** The presence of a "Main Relay" or "E-Stop Relay" that cuts power to the entire board if communication is lost.
---
## 4. Key Electronic Features
* **Watchdog Timer:** A circuit that resets the MCU if the software freezes.
* **LED Diagnostics:** Onboard LEDs indicate power status, signal reception, and relay activity.
* **Removable EEPROM:** Some versions include a removable memory chip to transfer settings to a new unit without re-pairing.
- ⤷
What is the specific operating voltage range for the LMS-C4W-R model?
- ⤷
Does this unit support programmable relay functions via software?
- ⤷
What are the mounting requirements for the external antenna on this receiver?