công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LMS-A1F-R/Q

  • AI
    The **LMS-A1F-R/Q** refers to a specific series of miniature laser distance sensors, typically manufactured by companies like **OPTEL** or **Panasonic (SUNX)**. These devices are designed for precision measurement in industrial automation. --- ### 1. Technical Specifications The "R/Q" designation usually refers to the output configuration (NPN vs. PNP or Analog vs. Digital). Below are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Light Source** | Red Semiconductor Laser (Class 1 or 2) | | **Supply Voltage** | 12V to 24V DC (±10% ripple) | | **Current Consumption** | ≤ 35mA | | **Output Type** | Push-Pull / NPN / PNP (Depending on Q/R suffix) | | **Response Time** | < 1.5ms to 5ms (Adjustable) | | **Connection Type** | M8 4-pin connector or Cable lead | --- ### 2. Key Electronic Components & Functions #### A. Laser Diode & Driver The "heart" of the sensor. It emits a modulated red laser beam. The driver circuit ensures the laser maintains constant intensity regardless of temperature fluctuations, ensuring consistent measurement accuracy. #### B. CMOS / CCD Receiver Array Unlike simple photo-eyes, these sensors use a linear image sensor (CMOS). When the laser reflects off a target, the angle at which the light returns to the CMOS array changes based on distance (Triangulation principle). #### C. Signal Processing Unit (ASIC) The internal Integrated Circuit (IC) converts the light position on the CMOS array into a digital value. This unit handles: * **Background Suppression:** Filtering out ambient light noise. * **Hysteresis Control:** Preventing output "chattering" at the threshold point. --- ### 3. Wiring Configuration The standard 4-wire setup for these electronic parts follows the industrial color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +V | Positive Power Supply (12-24V) | | **Blue** | 0V | Common Ground | | **Black** | Output | Switching signal (Control output) | | **White** | Input/Analog | Remote Teach or 4-20mA/0-10V output | --- ### 4. Application Logic The electronic circuitry allows for three primary modes of operation: 1. **Window Mode:** The output is active only if the object is between two set distances. 2. **Standard Detection:** The output triggers when an object passes a specific set point. 3. **High Sensitivity:** Adjusting the internal gain to detect dark or non-reflective materials (like matte black rubber). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q models in terms of output wiring?
    • ⤷ How do I calibrate the sensing range using the Teach-in button?
    • ⤷ What are the mounting requirements to avoid optical interference?