công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LMS-A1B-R

  • AI
    The **LMS-A1B-R** is a high-performance linear motor stage typically manufactured by companies like **Akribis Systems**. It is designed for precision motion control in industrial automation, semiconductor manufacturing, and laboratory environments. --- ### 1. Core Electronic & Mechanical Components The system integrates several critical electronic parts to achieve high-speed and high-precision movement: | Component | Function | Description | | :--- | :--- | :--- | | **Linear Motor (Actuator)** | Propulsion | A brushless, ironless linear motor that converts electrical energy directly into linear motion without gears or belts. | | **Linear Encoder** | Feedback | An optical or magnetic sensor that provides real-time position data to the controller. | | **Limit Switches** | Safety | Sensors located at both ends of the travel range to prevent the carriage from crashing into the end stops. | | **Hall Effect Sensors** | Commutation | Used to detect the position of the motor magnets for proper electronic phase switching. | | **Cable Track** | Connectivity | A flexible carrier that protects the power and feedback cables during high-speed motion. | --- ### 2. Technical Specifications (Typical) While specific configurations may vary, the "A1B-R" series generally follows these electronic specifications: * **Motor Type:** Ironless Linear Motor (minimizes "cogging" for smoother motion). * **Feedback Resolution:** Often ranges from **0.1 µm to 1 µm** depending on the encoder installed. * **Voltage Requirement:** Typically compatible with **24VDC to 310VDC** bus voltages depending on the drive used. * **Communication:** Interfaced via a Motion Controller/Driver supporting protocols like **EtherCAT, CANopen, or ±10V Analog**. --- ### 3. Connection & Wiring Overview To operate the LMS-A1B-R, the electronics must be wired to a **Servo Drive**. The wiring is usually divided into two main categories: #### A. Power/Motor Cable - **Phases:** U, V, W (Three-phase power to the motor coils). - **Ground:** PE (Protective Earth). #### B. Feedback/Encoder Cable - **Power:** +5V and GND. - **Signals:** A+, A-, B+, B- (Incremental signals). - **Reference:** Z+, Z- (Home/Index pulse). - **Safety:** Positive and Negative Limit signals. --- ### 4. Key Advantages of the LMS Series 1. **Zero Backlash:** Because there are no mechanical transmission parts (like lead screws), there is no play in the movement. 2. **High Acceleration:** Capable of reaching high velocities quickly due to the low mass of the moving coil. 3. **Cleanroom Compatible:** The electronic design produces minimal particles compared to friction-based systems.
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drives for the LMS-A1B-R?
    • ⤷ How do I calibrate the linear encoder for this stage?
    • ⤷ What is the difference between ironless and iron-core motors in this model?