công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LMS-A1-R/Q

  • AI
    The **LMS-A1-R/Q** series typically refers to high-performance linear motor stages or linear motion actuators often used in precision automation, semiconductor manufacturing, and robotics. Below is a breakdown of the electronic components and technical specifications associated with these parts. --- ### 1. Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Linear Motor** | Three-phase brushless motor (Permanent Magnet). | Converts electrical energy into linear motion without gears. | | **Optical Encoder** | High-resolution feedback device (Analog or Digital). | Provides precise position, velocity, and acceleration data to the controller. | | **Hall Effect Sensors** | Magnetic sensors located near the motor coils. | Detects the magnetic pole position for initial motor commutation. | | **Limit Switches** | End-of-travel sensors (NPN/PNP). | Prevents mechanical damage by stopping the motor at the physical boundaries. | | **Thermal Sensors** | Internal Thermistors (PTC/NTC). | Monitors coil temperature to prevent overheating and burnout. | --- ### 2. Technical Specifications The "R" and "Q" designations often refer to specific winding types or resolution configurations. * **Bus Voltage:** Typically ranges from **24V DC to 300V DC** depending on the driver. * **Peak Current:** High instantaneous current capability for rapid acceleration. * **Feedback Signal:** Usually 1Vpp (Analog) or TTL (RS-422 Digital). * **Accuracy:** Often in the sub-micron range (e.g., ±1µm to ±5µm). --- ### 3. Wiring and Integration To operate an LMS-A1 series part, the following connections are required: #### Motor Power Cable ```yaml - Phase U: (Red/Brown) - Phase V: (White) - Phase W: (Black/Blue) - Ground: (Green/Yellow) ``` #### Feedback / Encoder Pinout Most systems use a high-density D-Sub connector or a circular M12/M23 connector: 1. **VCC/GND:** 5V Power supply for the encoder. 2. **A/B Channels:** Incremental signals for positioning. 3. **Z-Index:** Reference mark for homing. 4. **Temp/Hall:** Safety and commutation signals. --- ### 4. Key Advantages * **Direct Drive:** No backlash or friction from lead screws or belts. * **High Dynamics:** High acceleration (up to 5G+) and high velocity. * **Maintenance Free:** Minimal mechanical wear due to non-contact drive components.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q variants in terms of resolution?
    • ⤷ Which motor controllers are compatible with the LMS-A1 series?
    • ⤷ How do I calibrate the optical encoder for this linear stage?