LMS-5W1-R/Q
AI

The **LMS-5W1-R/Q** refers to a specific type of LED modular light source, typically categorized as a High-Power COB (Chip on Board) or a surface-mount power LED module. These parts are engineered for high-efficiency illumination in commercial and industrial settings.
---
### 1. Technical Specifications
The following table outlines the typical electrical and physical parameters for the LMS-5W1 series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Power Consumption** | 5 Watts |
| **Input Voltage (Vf)** | 9V - 12V DC (Varies by configuration) |
| **Forward Current (If)** | 450mA - 500mA |
| **Color Temperature** | R/Q usually denotes Warm White (2700K-3000K) or specific Binning |
| **Luminous Flux** | 450 - 550 Lumens |
| **CRI (Color Rendering Index)** | >80 (Standard for "Q" quality series) |
| **Viewing Angle** | 120 Degrees |
---
### 2. Key Electronic Components & Construction
The "Electronic Parts" of this module are integrated into a single substrate to maximize thermal management:
* **LED Die (The Chip):** The core semiconductor material (usually InGaN for white/blue) that converts electrical energy into light. The "5W" indicates multiple dies are wired in a series-parallel circuit inside the package.
* **Substrate (MCPCB):** A Metal Core Printed Circuit Board (usually Aluminum). This acts as the structural base and the primary heat sink interface.
* **Phosphor Coating:** The yellow/orange layer covering the dies. The specific chemical composition of this layer determines the "R/Q" (Color temperature and quality) of the light.
* **Bonding Wires:** Gold (Au) wires that connect the LED dies to the positive and negative contact pads.
* **Thermal Pad:** Located on the underside, designed to be soldered or pressed against an external heatsink using thermal paste.
---
### 3. Part Suffix Decoding
While manufacturer codes vary slightly, the suffixes generally indicate:
1. **5W1:** 5 Watts total power, Generation 1 or Version 1.
2. **R/Q:**
* **R:** Often refers to a specific **Binning** (Voltage or Flux range).
* **Q:** Frequently used by manufacturers to denote **High Color Quality** or a specific color bin (e.g., Warm White).
---
### 4. Application Circuit Example
To drive the LMS-5W1-R/Q safely, a constant current driver is required.
```python
# Conceptual Electrical Layout
[Power Source 110/220V AC]
|
[LED Driver: Constant Current 500mA DC]
|
(Positive Terminal) ----> [LMS-5W1-R/Q] ----> (Negative Terminal)
|
[Aluminium Heatsink]
```
---
- ⤷What is the maximum operating temperature for the LMS-5W1-R/Q before thermal throttling occurs?
- ⤷ Can this LED module be dimmed using standard PWM controllers?
- ⤷ What are the specific dimensions and mounting hole spacing for the LMS-5W1 series?